Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F5015 Datasheet(PDF) 49 Page - Microchip Technology

Part # DSPIC30F5015
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F5015 Datasheet(HTML) 49 Page - Microchip Technology

Back Button DSPIC30F5015 Datasheet HTML 45Page - Microchip Technology DSPIC30F5015 Datasheet HTML 46Page - Microchip Technology DSPIC30F5015 Datasheet HTML 47Page - Microchip Technology DSPIC30F5015 Datasheet HTML 48Page - Microchip Technology DSPIC30F5015 Datasheet HTML 49Page - Microchip Technology DSPIC30F5015 Datasheet HTML 50Page - Microchip Technology DSPIC30F5015 Datasheet HTML 51Page - Microchip Technology DSPIC30F5015 Datasheet HTML 52Page - Microchip Technology DSPIC30F5015 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 234 page
background image
TABLE 5-3:
INTERRUPT CONTROLLER REGISTER MAP FOR dsPIC30F5016(1)
SFR
Name
ADR
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
INTCON1
0080 NSTDIS
—
—
—
—
OVATE
OVBTE
COVTE
—
—
—
MATHERR
ADDRERR
STKERR OSCFAIL
—
0000 0000 0000 0000
INTCON2
0082
ALTIVT
—
—
—
—
—
—
—
—
—
—
INT4EP
INT3EP
INT2EP
INT1EP
INT0EP
0000 0000 0000 0000
IFS0
0084
CNIF
MI2CIF
SI2CIF
NVMIF
ADIF
U1TXIF
U1RXIF
SPI1IF
T3IF
T2IF
OC2IF
IC2IF
T1IF
OC1IF
IC1IF
INT0IF
0000 0000 0000 0000
IFS1
0086
—
—
IC4IF
IC3IF
C1IF
SPI2IF
—
—
INT2IF
T5IF
T4IF
OC4IF
OC3IF
—
—INT1IF
0000 0000 0000 0000
IFS2
0088
—
—
—
FLTBIF
FLTAIF
—
—
QEIIF
PWMIF
—
INT4IF
INT3IF
—
—
—
—
0000 0000 0000 0000
IEC0
008C
CNIE
MI2CIE
SI2CIE
NVMIE
ADIE
U1TXIE
U1RXIE
SPI1IE
T3IE
T2IE
OC2IE
IC2IE
T1IE
OC1IE
IC1IE
INT0IE
0000 0000 0000 0000
IEC1
008E
—
—
IC4IE
IC3IE
C1IE
SPI2IE
—
—
INT2IE
T5IE
T4IE
OC4IE
OC3IE
—
—INT1IE
0000 0000 0000 0000
IEC2
0090
—
—
—
FLTBIE
FLTAIE
—
—
QEIIE
PWMIE
—
INT4IE
INT3IE
—
—
—
—
0000 0000 0000 0000
IPC0
0094
—
T1IP<2:0>
—OC1IP<2:0>
—IC1IP<2:0>
—
INT0IP<2:0>
0100 0100 0100 0100
IPC1
0096
—
T31P<2:0>
—
T2IP<2:0>
—
OC2IP<2:0>
—IC2IP<2:0>
0100 0100 0100 0100
IPC2
0098
—ADIP<2:0>
—
U1TXIP<2:0>
—
U1RXIP<2:0>
—
SPI1IP<2:0>
0100 0100 0100 0100
IPC3
009A
—
CNIP<2:0>
—MI2CIP<2:0>
—
SI2CIP<2:0>
—NVMIP<2:0>
0100 0100 0100 0100
IPC4
009C
—
OC3IP<2:0>
—
—
—
—
—
—
—
—
—
INT1IP<2:0>
0100 0000 0000 0100
IPC5
009E
—
INT2IP<2:0>
—
T5IP<2:0>
—
T4IP<2:0>
—OC4IP<2:0>
0100 0100 0100 0100
IPC6
00A0
—
C1IP<2:0>
—
SPI2IP<2:0>
—
—
—
—
—
—
—
—
0100 0100 0000 0000
IPC7
00A2
—
—
—
—
—
—
—
—
—IC4IP<2:0>
—IC3IP<2:0>
0000 0000 0100 0100
IPC8
00A4
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000 0000 0000 0100
IPC9
00A6
—
PWMIP<2:0>
—
—
—
—
—INT41IP<2:0>
—
INT3IP<2:0>
0100 0000 0100 0100
IPC10
00A8
—
FLTAIP<2:0>
—
—
—
—
—
—
—
—
—QEIIP<2:0>
0100 0000 0000 0100
IPC11
00AA
—
—
—
—
—
—
—
—
—
—
—
—
—
FLTBIP<2:0>
0000 0000 0000 0100
Legend:
— = unimplemented bit, read as ‘0’
Note
1:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com