Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F5015 Datasheet(PDF) 65 Page - Microchip Technology

Part # DSPIC30F5015
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F5015 Datasheet(HTML) 65 Page - Microchip Technology

Back Button DSPIC30F5015 Datasheet HTML 61Page - Microchip Technology DSPIC30F5015 Datasheet HTML 62Page - Microchip Technology DSPIC30F5015 Datasheet HTML 63Page - Microchip Technology DSPIC30F5015 Datasheet HTML 64Page - Microchip Technology DSPIC30F5015 Datasheet HTML 65Page - Microchip Technology DSPIC30F5015 Datasheet HTML 66Page - Microchip Technology DSPIC30F5015 Datasheet HTML 67Page - Microchip Technology DSPIC30F5015 Datasheet HTML 68Page - Microchip Technology DSPIC30F5015 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 234 page
background image
© 2011 Microchip Technology Inc.
DS70149E-page 65
dsPIC30F5015/5016
8.3
Input Change Notification Module
The input change notification module provides the
dsPIC30F devices the ability to generate interrupt
requests to the processor in response to a change-of-
state on selected input pins. This module is capable of
detecting input change-of-states, even in Sleep mode
when the clocks are disabled. There are 22 external
signals (CN0 through CN21) that may be selected
(enabled) for generating an interrupt request on a
change-of-state.
Please refer to the pin diagrams for CN pin locations.
TABLE 8-3:
INPUT CHANGE NOTIFICATION REGISTER MAP (BITS 15-8) FOR dsPIC30F5015(1)
TABLE 8-4:
INPUT CHANGE NOTIFICATION REGISTER MAP (BITS 7-0) FOR dsPIC30F5015(1)
TABLE 8-5:
INPUT CHANGE NOTIFICATION REGISTER MAP (BITS 15-8) FOR dsPIC30F5016(1)
TABLE 8-6:
INPUT CHANGE NOTIFICATION REGISTER MAP (BITS 7-0) FOR dsPIC30F5016(1)
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Reset State
CNEN1
00C0
CN15IE
CN14IE
CN13IE
CN12IE
CN11IE
CN10IE
CN9IE
CN8IE
0000 0000 0000 0000
CNEN2
00C2
—
—
—
—
—
—
—
—
0000 0000 0000 0000
CNPU1
00C4
CN15PUE
CN14PUE
CN13PUE
CN12PUE
CN11PUE CN10PUE
CN9PUE
CN8PUE
0000 0000 0000 0000
CNPU2
00C6
—
—
—
—
—
—
—
—
0000 0000 0000 0000
Legend:
— = unimplemented bit, read as ‘0’
Note
1:
Refer to the “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.
SFR
Name
Addr.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
CNEN1
00C0
CN7IE
CN6IE
CN5IE
CN4IE
CN3IE
CN2IE
CN1IE
CN0IE
0000 0000 0000 0000
CNEN2
00C2
—
—
—
—
—
CN18IE
CN17IE
CN16IE
0000 0000 0000 0000
CNPU1
00C4
CN7PUE
CN6PUE
CN5PUE
CN4PUE
CN3PUE
CN2PUE
CN1PUE
CN0PUE
0000 0000 0000 0000
CNPU2
00C6
—
—
—
—
—
CN18PUE CN17PUE
CN16PUE
0000 0000 0000 0000
Legend:
— = unimplemented bit, read as ‘0’
Note
1:
Refer to the “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Reset State
CNEN1
00C0
CN15IE
CN14IE
CN13IE
CN12IE
CN11IE
CN10IE
CN9IE
CN8IE
0000 0000 0000 0000
CNEN2
00C2
—
—
—
—
—
—
—
—
0000 0000 0000 0000
CNPU1
00C4
CN15PUE
CN14PUE
CN13PUE
CN12PUE
CN11PUE CN10PUE
CN9PUE
CN8PUE
0000 0000 0000 0000
CNPU2
00C6
—
—
—
—
—
—
—
—
0000 0000 0000 0000
Legend:
— = unimplemented bit, read as ‘0’
Note
1:
Refer to the “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.
SFR
Name
Addr.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
CNEN1
00C0
CN7IE
CN6IE
CN5IE
CN4IE
CN3IE
CN2IE
CN1IE
CN0IE
0000 0000 0000 0000
CNEN2
00C2
—
—
CN21IE
CN20IE
CN19IE
CN18IE
CN17IE
CN16IE
0000 0000 0000 0000
CNPU1
00C4
CN7PUE
CN6PUE
CN5PUE
CN4PUE
CN3PUE
CN2PUE
CN1PUE
CN0PUE
0000 0000 0000 0000
CNPU2
00C6
—
—
CN21PUE CN20PUE CN19PUE CN18PUE CN17PUE
CN16PUE
0000 0000 0000 0000
Legend:
— = unimplemented bit, read as ‘0’
Note
1:
Refer to the “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com