| Electronic Components Datasheet Search |
|
DSPIC30F5015 Datasheet(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F5015 Datasheet(HTML) 11 Page - Microchip Technology |
|
11 / 234 page ![]() © 2011 Microchip Technology Inc. DS70149E-page 11 dsPIC30F5015/5016 Table 1-1 provides a brief description of the device I/O pinout and the functions that are multiplexed to the port pins on the dsPIC30F5015 device. Multiple functions may exist on one port pin. When multiplexing occurs, the peripheral module’s functional requirements may force an override of the data direction of the port pin. TABLE 1-1: I/O PIN DESCRIPTIONS FOR dsPIC30F5015 Pin Name Pin Type Buffer Type Description AN0-AN15 I Analog Analog input channels. AN0 and AN1 are also used for device programming data and clock inputs, respectively. AVDD P P Positive supply for analog module. This pin must be connected at all times. AVSS P P Ground reference for analog module. This pin must be connected at all times. CLKI CLKO I O ST/CMOS — External clock source input. Always associated with OSC1 pin function. Oscillator crystal output. Connects to crystal or resonator in Crystal Oscillator mode. Optionally functions as CLKO in RC and EC modes. Always associated with OSC2 pin function. CN0-CN18 I ST Input change notification inputs. Can be software programmed for internal weak pull-ups on all inputs. C1RX C1TX I O ST — CAN1 bus receive pin. CAN1 bus transmit pin. EMUD EMUC EMUD1 EMUC1 EMUD2 EMUC2 EMUD3 EMUC3 I/O I/O I/O I/O I/O I/O I/O I/O ST ST ST ST ST ST ST ST ICD Primary Communication Channel data input/output pin. ICD Primary Communication Channel clock input/output pin. ICD Secondary Communication Channel data input/output pin. ICD Secondary Communication Channel clock input/output pin. ICD Tertiary Communication Channel data input/output pin. ICD Tertiary Communication Channel clock input/output pin. ICD Quaternary Communication Channel data input/output pin. ICD Quaternary Communication Channel clock input/output pin. IC1-IC4 I ST Capture inputs 1 through 4. INDX QEA QEB UPDN I I I O ST ST ST — Quadrature Encoder Index Pulse input. Quadrature Encoder Phase A input in QEI mode. Auxiliary Timer External Clock/Gate input in Timer mode. Quadrature Encoder Phase B input in QEI mode. Auxiliary Timer External Clock/Gate input in Timer mode. Position Up/Down Counter Direction State. INT0 INT1 INT2 INT3 INT4 I I I I I ST ST ST ST ST External interrupt 0. External interrupt 1. External interrupt 2. External interrupt 3. External interrupt 4. FLTA FLTB PWM1L PWM1H PWM2L PWM2H PWM3L PWM3H PWM4L PWM4H I I O O O O O O O O ST ST — — — — — — — — PWM Fault A input. PWM Fault B input. PWM1 Low output. PWM1 High output. PWM2 Low output. PWM2 High output. PWM3 Low output. PWM3 High output. PWM4 Low output. PWM4 High output. Legend: CMOS = CMOS compatible input or output Analog = Analog input ST = Schmitt Trigger input with CMOS levels O = Output I = Input P = Power |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |