Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F5015 Datasheet(PDF) 9 Page - Microchip Technology

Part # DSPIC30F5015
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F5015 Datasheet(HTML) 9 Page - Microchip Technology

Back Button DSPIC30F5015 Datasheet HTML 5Page - Microchip Technology DSPIC30F5015 Datasheet HTML 6Page - Microchip Technology DSPIC30F5015 Datasheet HTML 7Page - Microchip Technology DSPIC30F5015 Datasheet HTML 8Page - Microchip Technology DSPIC30F5015 Datasheet HTML 9Page - Microchip Technology DSPIC30F5015 Datasheet HTML 10Page - Microchip Technology DSPIC30F5015 Datasheet HTML 11Page - Microchip Technology DSPIC30F5015 Datasheet HTML 12Page - Microchip Technology DSPIC30F5015 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 234 page
background image
© 2011 Microchip Technology Inc.
DS70149E-page 9
dsPIC30F5015/5016
1.0
DEVICE OVERVIEW
This document contains device specific information for
the
dsPIC30F5015/5016
devices.
The
dsPIC30F
devices contain extensive Digital Signal Processor
(DSP) functionality within a high-performance 16-bit
microcontroller (MCU) architecture.
Figure 1-1 is a block diagram of the dsPIC30F5015
device.
Following
the
block
diagram,
Table 1-1
provides a brief description of the device I/O pinout and
the functions that are multiplexed to the port pins on the
dsPIC30F5015.
Figure 1-2 is a block diagram of the dsPIC30F5016
device.
Following
the
block
diagram,
Table 1-2
provides a brief description of the device I/O pinout and
the functions that are multiplexed to the port pins on the
dsPIC30F5016.
Note:
This data sheet summarizes features of
this group of dsPIC30F devices and is not
intended to be a complete reference
source. For more information on the CPU,
peripherals,
register
descriptions
and
general device functionality, refer to the
“dsPIC30F Family Reference Manual”
(DS70046). For more information on the
device instruction set and programming,
refer to the “16-bit MCU and DSC
Programmer’s
Reference
Manual”
(DS70157).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com