Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1526 Datasheet(PDF) 31 Page - Microchip Technology

Part # PIC16F1526
Description  64-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1526 Datasheet(HTML) 31 Page - Microchip Technology

Back Button PIC16F1526 Datasheet HTML 27Page - Microchip Technology PIC16F1526 Datasheet HTML 28Page - Microchip Technology PIC16F1526 Datasheet HTML 29Page - Microchip Technology PIC16F1526 Datasheet HTML 30Page - Microchip Technology PIC16F1526 Datasheet HTML 31Page - Microchip Technology PIC16F1526 Datasheet HTML 32Page - Microchip Technology PIC16F1526 Datasheet HTML 33Page - Microchip Technology PIC16F1526 Datasheet HTML 34Page - Microchip Technology PIC16F1526 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 354 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41458A-page 31
PIC16(L)F1526/27
Bank 2
10Ch LATA
PORTA Data Latch
xxxx xxxx uuuu uuuu
10Dh LATB
PORTB Data Latch
xxxx xxxx uuuu uuuu
10Eh LATC
PORTC Data Latch
xxxx xxxx uuuu uuuu
10Fh LATD
PORTD Data Latch
xxxx xxxx uuuu uuuu
110h LATE
PORTE Data Latch
xxxx xxxx uuuu uuuu
111h
to
115h
—
Unimplemented
—
—
116h BORCON
SBOREN
BORFS
—
—
—
—
—
BORRDY 10-- ---q uu-- ---u
117h FVRCON
FVREN
FVRRDY
TSEN
TSRNG
—
—ADFVR<1:0>
0q00 0000 0q00 0000
118h
to
11Ch
—
Unimplemented
—
—
11Dh APFCON
—
—
—
—
—
—
T3CKISEL CCP2SEL ---- --00 ---- --00
11Eh —
Unimplemented
—
—
11Fh —
Unimplemented
—
—
Bank 3
18Ch ANSELA
—
—
ANSA5
—
ANSA3
ANSA2
ANSA1
ANSA0
--1- 1111 --1- 1111
18Dh ANSELB
—
—
ANSB5
ANSB4
ANSB3
ANSB2
ANSB1
ANSB0
--11 1111 --11 1111
18Eh ANSELC
Unimplemented
—
—
18Fh ANSELD
—
—
—
—
ANSD3
ANSD2
ANSD1
ANSD0
---- 1111 ---- 1111
190h ANSELE
—
—
—
—
—
ANSE2
ANSE1
ANSE0
---- -111 ---- -111
191h PMADRL
Program Memory Address Register Low Byte
0000 0000 0000 0000
192h PMADRH
—
Program Memory Address Register High Byte
1000 0000 1000 0000
193h PMDATL
Program Memory Data Register Low Byte
xxxx xxxx uuuu uuuu
194h PMDATH
—
—
Program Memory Data Register High Byte
--xx xxxx --uu uuuu
195h PMCON1
—
CFGS
LWLO
FREE
WRERR
WREN
WR
RD
-000 x000 -000 q000
196h PMCON2
Program Memory control register 2
0000 0000 0000 0000
197h VREGCON(1)
—
—
—
—
—
—VREGPM Reserved ---- --01 ---- --01
198h —
Unimplemented
—
—
199h RC1REG
USART Receive Data Register
0000 0000 0000 0000
19Ah TX1REG
USART Transmit Data Register
0000 0000 0000 0000
19Bh SP1BRG
BRG<7:0>
0000 0000 0000 0000
19Ch SP1BRGH
BRG<15:8>
0000 0000 0000 0000
19Dh RC1STA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x 0000 000x
19Eh TX1STA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
0000 0010 0000 0010
19Fh BAUD1CON
ABDOVF
RCIDL
—
SCKP
BRG16
—
WUE
ABDEN
01-0 0-00 01-0 0-00
TABLE 3-2:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other
Resets
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
PIC16F1526/7 only.
2:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com