Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1526 Datasheet(PDF) 84 Page - Microchip Technology

Part # PIC16F1526
Description  64-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1526 Datasheet(HTML) 84 Page - Microchip Technology

Back Button PIC16F1526 Datasheet HTML 80Page - Microchip Technology PIC16F1526 Datasheet HTML 81Page - Microchip Technology PIC16F1526 Datasheet HTML 82Page - Microchip Technology PIC16F1526 Datasheet HTML 83Page - Microchip Technology PIC16F1526 Datasheet HTML 84Page - Microchip Technology PIC16F1526 Datasheet HTML 85Page - Microchip Technology PIC16F1526 Datasheet HTML 86Page - Microchip Technology PIC16F1526 Datasheet HTML 87Page - Microchip Technology PIC16F1526 Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 354 page
background image
PIC16(L)F1526/27
DS41458A-page 84
Preliminary
 2011 Microchip Technology Inc.
7.6.5
PIE4 REGISTER
The PIE4 register contains the interrupt enable bits, as
shown in Register 7-5.
Note:
Bit PEIE of the INTCON register must be
set to enable any peripheral interrupt.
REGISTER 7-5:
PIE4: PERIPHERAL INTERRUPT ENABLE REGISTER 4
R/W-0/0
R/W-0/0
R-0/0
R-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
CCP10IE
CCP9IE
RC2IE
TX2IE
CCP8IE
CCP7IE
BCL2IE
SSP2IE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
CCP10IE:
CCP10 Interrupt Enable bit
1
= Enables the CCP10 interrupt
0
= Disables the CCP10 interrupt
bit 6
CCP9IE:
CCP9 Interrupt Enable bit
1
= Enables the CCP9 interrupt
0
= Disables the CCP9 interrupt
bit 5
RC2IE:
USART2 Receive Interrupt Enable bit
1
= Enables the USART2 receive interrupt
0
= Disables the USART2 receive interrupt
bit 4
TX2IE:
USART2 Transmit Interrupt Enable bit
1
= Enables the USART2 transmit interrupt
0
= Disables the USART2 transmit interrupt
bit 3
CCP8IE:
CCP8 Interrupt Enable bit
1
= Enables the CCP8 interrupt
0
= Disables the CCP8 interrupt
bit 2
CCP7IE:
CCP7 Interrupt Enable bit
1
= Enables the CCP7 interrupt
0
= Disables the CCP7 interrupt
bit 1
BCL2IE:
MSSP2 Bus Collision Interrupt Enable bit
1
= Enables the MSSP2 Bus Collision Interrupt
0
= Disables the MSSP2 Bus Collision Interrupt
bit 0
SSP2IE:
Synchronous Serial Port (MSSP2) Interrupt Enable bit
1
= Enables the MSSP2 interrupt
0
= Disables the MSSP2 interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com