Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1526 Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC16F1526
Description  64-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1526 Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC16F1526 Datasheet HTML 12Page - Microchip Technology PIC16F1526 Datasheet HTML 13Page - Microchip Technology PIC16F1526 Datasheet HTML 14Page - Microchip Technology PIC16F1526 Datasheet HTML 15Page - Microchip Technology PIC16F1526 Datasheet HTML 16Page - Microchip Technology PIC16F1526 Datasheet HTML 17Page - Microchip Technology PIC16F1526 Datasheet HTML 18Page - Microchip Technology PIC16F1526 Datasheet HTML 19Page - Microchip Technology PIC16F1526 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 354 page
background image
PIC16(L)F1526/27
DS41458A-page 16
Preliminary
 2011 Microchip Technology Inc.
RG0/CCP3
RG0
ST
CMOS General purpose I/O.
CCP3
ST
CMOS Capture/Compare/PWM3.
RG1/AN15/TX2/CK2
RG1
ST
CMOS General purpose I/O.
AN15
AN
—
A/D Channel 15 input.
TX2
—
CMOS USART2 asynchronous transmit.
CK2
ST
CMOS USART2 synchronous clock.
RG2/AN14/RX2/DT2
RG2
ST
CMOS General purpose I/O.
AN14
AN
—
A/D Channel 14 input.
RX2
ST
—
USART2 asynchronous input.
DT2
ST
CMOS USART2 synchronous data.
RG3/AN13/CCP4
RG3
ST
CMOS General purpose I/O.
AN13
AN
—
A/D Channel 13 input.
CCP4
ST
CMOS Capture/Compare/PWM4.
RG4/AN12/T5G/CCP5
RG4
ST
—
General purpose input.
AN12
AN
—
A/D Channel 12 input.
T5G
ST
—
Timer5 Gate input.
CCP5
ST
CMOS Capture/Compare/PWM5.
RG5/MCLR/VPP
RG5
ST
—
General purpose input with WPU.
MCLR
ST
—
Master Clear with internal pull-up.
VPP
HV
—
Programming voltage.
AVDD
AVDD
Power
—
Analog positive supply.
AVSS
AVSS
Power
—
Analog ground reference.
VDD
VDD
Power
—
Positive supply.
VSS
VSS
Power
—
Ground reference.
TABLE 1-2:
PIC16(L)F1526 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend:
AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note
1:
Peripheral pin location selected using APFCON register. Default location.
2:
Peripheral pin location selected using APFCON register. Alternate location.
3:
RC3, RC4, RD5 and RD6 read the I2C ST input when I2C mode is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com