Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1526 Datasheet(PDF) 34 Page - Microchip Technology

Part # PIC16F1526
Description  64-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1526 Datasheet(HTML) 34 Page - Microchip Technology

Back Button PIC16F1526 Datasheet HTML 30Page - Microchip Technology PIC16F1526 Datasheet HTML 31Page - Microchip Technology PIC16F1526 Datasheet HTML 32Page - Microchip Technology PIC16F1526 Datasheet HTML 33Page - Microchip Technology PIC16F1526 Datasheet HTML 34Page - Microchip Technology PIC16F1526 Datasheet HTML 35Page - Microchip Technology PIC16F1526 Datasheet HTML 36Page - Microchip Technology PIC16F1526 Datasheet HTML 37Page - Microchip Technology PIC16F1526 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 354 page
background image
PIC16(L)F1526/27
DS41458A-page 34
Preliminary
 2011 Microchip Technology Inc.
Bank 8
40Ch ANSELF
ANSF7
ANSF6
ANSF5
ANSF4
ANSF3
ANSF2
ANSF1
ANSF0
1111 1111 1111 1111
40Dh ANSELG
—
—
—
ANSG4
ANSG3
ANSG2
ANSG1
—
---1 111- ---1 111-
40Eh —
Unimplemented
—
—
40Fh —
Unimplemented
—
—
410h —
Unimplemented
—
—
411h TMR3L
Holding Register for the Least Significant Byte of the 16-bit TMR3 Register
xxxx xxxx uuuu uuuu
412h TMR3H
Holding Register for the Most Significant Byte of the 16-bit TMR3 Register
xxxx xxxx uuuu uuuu
413h T3CON
TMR3CS<1:0>
T3CKPS<1:0>
SOSCEN
T3SYNC
—TMR3ON 0000 00-0 uuuu uu-u
414h T3GCON
TMR3GE
T3GPOL
T3GTM
T3GSPM
T3GGO/
DONE
T3GVAL
T3GSS<1:0>
0000 0x00 uuuu uxuu
415h TMR4
Timer 4 Module Register
0000 0000 0000 0000
416h PR4
Timer 4 Period Register
1111 1111 1111 1111
417h T4CON
—
T4OUTPS<3:0>
TMR4ON
T4CKPS<1:0>
-000 0000 -000 0000
418h TMR5L
Holding Register for the Least Significant Byte of the 16-bit TMR5 Register
xxxx xxxx uuuu uuuu
419h TMR5H
Holding Register for the Most Significant Byte of the 16-bit TMR5 Register
xxxx xxxx uuuu uuuu
41Ah T5CON
TMR5CS<1:0>
T5CKPS<1:0>
SOSCEN
T5SYNC
—TMR5ON 0000 00-0 uuuu uu-u
41Bh T5GCON
TMR5GE
T5GPOL
T5GTM
T5GSPM
T5GGO/
DONE
T5GVAL
T5GSS<1:0>
0000 0x00 uuuu uxuu
41Ch TMR6
Timer 6 Module Register
0000 0000 0000 0000
41Dh PR6
Timer 6 Period Register
1111 1111 1111 1111
41Eh T6CON
—
T6OUTPS<3:0>
TMR6ON
T6CKPS<1:0>
-000 0000 -000 0000
41Fh —
Unimplemented
—
—
Bank 9
48Ch —
Unimplemented
—
—
48Dh WPUG
—
—WPUG5
—
—
—
—
—
--1- ---- --1- ----
48Dh
to
490h
—
Unimplemented
—
—
491h RC2REG
USART Receive Data Register
0000 0000 0000 0000
492h TX2REG
USART Transmit Data Register
0000 0000 0000 0000
493h SP2BRG
BRG<7:0>
0000 0000 0000 0000
494h SP2BRGH
BRG<15:8>
0000 0000 0000 0000
495h RC2STA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x 0000 000x
496h TX2STA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
0000 0010 0000 0010
497h BAUD2CON
ABDOVF
RCIDL
—
SCKP
BRG16
—
WUE
ABDEN
01-0 0-00 01-0 0-00
498h
to
49Fh
—
Unimplemented
—
—
TABLE 3-2:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other
Resets
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
PIC16F1526/7 only.
2:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com