Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1526 Datasheet(PDF) 195 Page - Microchip Technology

Part # PIC16F1526
Description  64-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1526 Datasheet(HTML) 195 Page - Microchip Technology

Back Button PIC16F1526 Datasheet HTML 191Page - Microchip Technology PIC16F1526 Datasheet HTML 192Page - Microchip Technology PIC16F1526 Datasheet HTML 193Page - Microchip Technology PIC16F1526 Datasheet HTML 194Page - Microchip Technology PIC16F1526 Datasheet HTML 195Page - Microchip Technology PIC16F1526 Datasheet HTML 196Page - Microchip Technology PIC16F1526 Datasheet HTML 197Page - Microchip Technology PIC16F1526 Datasheet HTML 198Page - Microchip Technology PIC16F1526 Datasheet HTML 199Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 354 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41458A-page 195
PIC16(L)F1526/27
20.3.7
OPERATION IN SLEEP MODE
In Sleep mode, the TMRx register will not increment
and the state of the module will not change. If the CCPx
pin is driving a value, it will continue to drive that value.
When the device wakes up, TMRx will continue from its
previous state.
20.3.8
CHANGES IN SYSTEM CLOCK
FREQUENCY
The PWM frequency is derived from the system clock
frequency. Any changes in the system clock frequency
will result in changes to the PWM frequency. See
Section 5.0 “Oscillator Module (With Fail-Safe
Clock Monitor)”
for additional details.
20.3.9
EFFECTS OF RESET
Any Reset will force all ports to Input mode and the
CCP registers to their Reset states.
20.3.10
ALTERNATE PIN LOCATIONS
This module incorporates I/O pins that can be moved to
other locations with the use of the alternate pin function
register, APFCON. To determine which pins can be
moved and what their default locations are upon a
Reset, see Section 12.1 “Alternate Pin Function” for
more information.
TABLE 20-9:
SUMMARY OF REGISTERS ASSOCIATED WITH STANDARD PWM
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
APFCON
—
—
—
—
—
—
T3CKISEL
CCP2SEL
118
CCP1CON
—
—
DC1B<1:0>
CCP1M<3:0>
197
CCP2CON
—
—
DC2B<1:0>
CCP2M<3:0>
197
CCP3CON
—
—
DC3B<1:0>
CCP3M<3:0>
197
CCP4CON
—
—
DC4B<1:0>
CCP4M<3:0>
197
CCP5CON
—
—
DC5B<1:0>
CCP5M<3:0>
197
CCP6CON
—
—
DC6B<1:0>
CCP6M<3:0>
197
CCP7CON
—
—
DC7B<1:0>
CCP7M<3:0>
197
CCP8CON
—
—
DC8B<1:0>
CCP8M<3:0>
197
CCP9CON
—
—
DC9B<1:0>
CCP9M<3:0>
197
CCP10CON
—
—
DC10B<1:0>
CCP10M<3:0>
197
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
80
PIE1
TMR1GIE
ADIE
RC1IE
TX1IE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
81
PIE2
OSFIE
TMR5GIE
TMR3GIE
—
BCL1IE
TMR10IE
TMR8IE
CCP2IE
82
PIE3
CCP6IE
CCP5IE
CCP4IE
CCP3IE
TMR6IE
TMR5IE
TMR4IE
TMR3IE
83
PIE4
CCP10IE
CCP9IE
RC2IE
TX2IE
CCP8IE
CCP7IE
BCL2IE
SSP2IE
84
PIR1
TMR1GIF
ADIF
RC1IF
TX1IF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
85
PIR2
OSFIF
TMR5GIF
TMR3GIF
—
BCL1IF
TMR10IF
TMR8IF
CCP2IF
86
PIR3
CCP6IF
CCP5IF
CCP4IF
CCP3IF
TMR6IF
TMR5IF
TMR4IF
TMR3IF
87
PIR4
CCP10IF
CCP9IF
RC2IF
TX2IF
CCP8IF
CCP7IF
BCL2IF
SSP2IF
88
PR2
Timer2 Period Register
179*
PR4
Timer4 Period Register
179*
PR6
Timer6 Period Register
179*
PR8
Timer8 Period Register
179*
PR10
Timer10 Period Register
179*
T2CON
—
T2OUTPS<3:0>
TMR2ON
T2CKPS<:0>1
176
T4CON
—
T4OUTPS<3:0>
TMR4ON
T4CKPS<:0>1
176
T6CON
—
T6OUTPS<3:0>
TMR6ON
T6CKPS<:0>1
176
Legend:
— = Unimplemented location, read as ‘0’. Shaded cells are not used by the PWM.
*
Page provides register information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com