Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82K70E-L Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT82K70E-L
Description  I/O Type 8-Bit MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K70E-L Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT82K70E-L Datasheet HTML 27Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 28Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 29Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 30Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 31Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 32Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 33Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 34Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 59 page
background image
HT82K70E-L/HT82K70A-L/HT82K76E-L
Rev. 1.20
31
February 1, 2011
W S 2
W D T S R e g i s t e r
b 7
b 0
W D T p r e s c a l e r r a t e s e l e c t
W S 2
0
0
0
0
1
1
1
1
W S 1
0
0
1
1
0
0
1
1
W S 0
0
1
0
1
0
1
0
1
W D T R a t e
D i s a b l e W D T
1 : 1
1 : 4
1 : 8
1 : 1 6
1 : 3 2
1 : 6 4
1 : 1 2 8
P C 0 / P C 1 r e s i s t o r s e l e c t
1 : 4 . 7 k W
0 : 3 0 k W ( d e f a u l t )
( C o n f i g u r a t i o n o p t i o n e n a b l e P C 0 ~ P C 3 p u l l - h i g h
o p t i o n , t h a n t h e b i t s e t t i n g s f o r t h e e f f e c t i v e )
N o t u s e d
W S 1 W S 0
P S 2 R
Watchdog Timer Register for HT82K70E-L and HT82K70A-L
Bit
Name
Description
7
Z2_WAKEUP
Read only bit.
1: Z2 changed before Z1
0: default
6
Z1_WAKEUP
Read only bit.
1: Z1 changed before Z2
0: default
5
V2_WAKEUP
Read only bit.
1: V2 changed before V1
0: default
4
V1_WAKEUP
Read only bit.
1: V1 changed before V2
0: default
3
SPI_EN
This bit control the shared PIN (SCS, SDI, SDO and SCK) is SPI or GPIO mode
1: SPI mode
0: IO mode (default)
2
SPI_CSEN
1: enable, this bit is used to enable/disable software CSEN function
0: disable, SCS define as GPIO (default)
1
CKEG
1: SPI first output the data immediately after the SPI is enable. And SPI output the data in
the falling edge(polarity=0) or rising edge (polarity=1); SPI read data in the in the rising
edge (polarity=0) or falling edge (polarity=1);
0: SPI output the data in the rising edge(polarity=0) or falling edge (polarity=1);
SPI read data in the in the falling edge(polarity=0) or rising edge (polarity=1); (default)
0
SPI_ CPOL
1: clock polarity rising
0: clock polarity falling (default)
Note: The Internal Register bit4~bit7 data will clear to zero after F/W read the register.
Wake-up Status Register
- WSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com