Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82K70E-L Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT82K70E-L
Description  I/O Type 8-Bit MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K70E-L Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT82K70E-L Datasheet HTML 33Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 34Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 35Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 36Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 37Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 38Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 39Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 40Page - Holtek Semiconductor Inc HT82K70E-L Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
HT82K70E-L/HT82K70A-L/HT82K76E-L
Rev. 1.20
37
February 1, 2011
S B E N = 1
W r i t e D a t a i n t o
S B D R
W C O L = 1 ?
C l e a r W C O L
Y e s
N o
r e a d d a t a f r o m
S B D R
c l e a r T R F
T r a n s f e r
F i n i s h e d ?
E N D
M a s t e r o r
S l a v e
M a s t e r
S l a v e
A
A
[ M 1 , M 0 ] = 1 1
S P I T r a n s f e r
[ M 1 , M 0 ] = 0 0 , 0 1 , 1 0
S e l e c t c l o c k [ C K S ]
C o n f i g u r e
C S E N a n d M L S
T r a n s m i s s i o n
C o m p l e t e d ?
( T R F = 1 ? )
Y e s
Y e s
N o
N o
SPI Transfer Control Flowchart
SPI Transfer Control FlowChart
Error Detection
The WCOL bit in the SBCR register is provided to indi-
cate errors during data transfer. The bit is set by the Se-
rial Interface but must be cleared by the application
program. This bit indicates a data collision has occurred
which happens if a write to the SBDR register takes
place during a data transfer operation and will prevent
the write operation from continuing. The bit will be set
high by the Serial Interface but has to be cleared by the
user application program. The overall function of the
WCOL bit can be disabled or enabled by a configuration
option.
Programming Considerations
When the device is placed into the Power Down Mode
note that data reception and transmission will continue.
The TRF bit is used to generate an interrupt when the
data has been transferred or received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com