Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2123TS Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF2123TS
Description  SPI Real time clock/calendar Time keeping application
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123TS Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF2123TS Datasheet HTML 13Page - NXP Semiconductors PCF2123TS Datasheet HTML 14Page - NXP Semiconductors PCF2123TS Datasheet HTML 15Page - NXP Semiconductors PCF2123TS Datasheet HTML 16Page - NXP Semiconductors PCF2123TS Datasheet HTML 17Page - NXP Semiconductors PCF2123TS Datasheet HTML 18Page - NXP Semiconductors PCF2123TS Datasheet HTML 19Page - NXP Semiconductors PCF2123TS Datasheet HTML 20Page - NXP Semiconductors PCF2123TS Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
17 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
8.5 Alarm function
When one or more of these registers are loaded with a valid minute, hour, day, or
weekday and its corresponding alarm enable bit (AE_x) is logic 0, then that information
will be compared with the current minute, hour, day, and weekday.
8.5.1 Register Minute_alarm
[1]
Default value.
8.5.2 Register Hour_alarm
[1]
Default value.
[2]
Hour mode is set by the 12_24 bit in register Control_1.
8.5.3 Register Day_alarm
[1]
Default value.
Table 18.
Minute_alarm - minute alarm register (address 09h) bit description
Bit
Symbol
Value
Place value Description
7
AE_M
0
-
minute alarm is enabled
1[1]
-
minute alarm is disabled
6 to 4
MINUTE_ALARM
0 to 5
ten’s place
minute alarm information coded in
BCD format
3 to 0
0 to 9
unit place
Table 19.
Hour_alarm - hour alarm register (address 0Ah) bit description
Bit
Symbol
Value
Place value Description
7
AE_H
0
-
hour alarm is enabled
1[1]
-
hour alarm is disabled
6
-
-
-
unused
12 hour mode[2]
5
AMPM
0
-
indicates AM
1
-
indicates PM
4
HOUR_ALARM
0 to 1
ten’s place
hour alarm information coded in
BCD format when in 12 hour
mode
3to0
0to 9
unit place
24 hour mode[2]
5 to 4
HOUR_ALARM
0 to 2
ten’s place
hour alarm information coded in
BCD format when in 24 hour
mode
3to0
0to 9
unit place
Table 20.
Day_alarm - day alarm register (address 0Bh) bit description
Bit
Symbol
Value
Place value Description
7
AE_D
0
-
day alarm is enabled
1[1]
-
day alarm is disabled
6
-
-
-
unused
5 to 4
DAY_ALARM
0 to 3
ten’s place
day alarm information coded in
BCD format
3 to 0
0 to 9
unit place



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com