Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2123TS Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCF2123TS
Description  SPI Real time clock/calendar Time keeping application
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123TS Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCF2123TS Datasheet HTML 31Page - NXP Semiconductors PCF2123TS Datasheet HTML 32Page - NXP Semiconductors PCF2123TS Datasheet HTML 33Page - NXP Semiconductors PCF2123TS Datasheet HTML 34Page - NXP Semiconductors PCF2123TS Datasheet HTML 35Page - NXP Semiconductors PCF2123TS Datasheet HTML 36Page - NXP Semiconductors PCF2123TS Datasheet HTML 37Page - NXP Semiconductors PCF2123TS Datasheet HTML 38Page - NXP Semiconductors PCF2123TS Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
35 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
9.
3-line serial interface
Data transfer to and from the device is made via a 3-wire SPI-bus (see Table 41). The
data lines for input and output are split. The data input and output lines can be connected
together to facilitate a bidirectional data bus. The chip enable signal is used to identify the
transmitted data. Each data transfer is a byte, with the Most Significant Bit (MSB) sent first
(see Figure 23).
The transmission is controlled by the active HIGH chip enable signal CE. The first byte
transmitted is the command byte. Subsequent bytes will be either data to be written or
data to be read. Data is sampled on the rising edge of the clock and transferred internally
on the falling edge.
The command byte defines the address of the first register to be accessed and the
read/write mode. The address counter will auto increment after every access and will
rollover to zero after the last register is accessed. The read/write bit (R/W) defines if the
following bytes will be read or write information.
Table 41.
Serial interface
Symbol
Function
Description
CE
chip enable input
when LOW, the interface is reset; pull-down resistor
included; active input may be higher than VDD, but may not
be wired permanently HIGH
SCL
serial clock input
when CE is LOW, this input may float; input may be higher
than VDD
SDI
serial data input
when CE is LOW, input may float; input may be higher than
VDD; input data is sampled on the rising edge of SCL
SDO
serial data output
push-pull output; drives from VSS to VDD; output data is
changed on the falling edge of SCL; will be high-Z when not
driving; may be connected directly to SDI
Fig 22. SDI, SDO configurations
Fig 23. Data transfer overview
001aai560
SDI
two wire mode
SDO
SDI
single wire mode
SDO
001aaf914
COMMAND
data bus
chip enable
DATA
DATA
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com