Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2123TS Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF2123TS
Description  SPI Real time clock/calendar Time keeping application
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123TS Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF2123TS Datasheet HTML 24Page - NXP Semiconductors PCF2123TS Datasheet HTML 25Page - NXP Semiconductors PCF2123TS Datasheet HTML 26Page - NXP Semiconductors PCF2123TS Datasheet HTML 27Page - NXP Semiconductors PCF2123TS Datasheet HTML 28Page - NXP Semiconductors PCF2123TS Datasheet HTML 29Page - NXP Semiconductors PCF2123TS Datasheet HTML 30Page - NXP Semiconductors PCF2123TS Datasheet HTML 31Page - NXP Semiconductors PCF2123TS Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
28 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
8.8 Clock output
A programmable square wave is available at pin CLKOUT. Operation is controlled by the
COF[2:0] bits in the register Timer_clkout. Frequencies of 32.768 kHz (default) down to
1 Hz can be generated for use as a system clock, microcontroller clock, input to a charge
pump, or for calibration of the oscillator.
Pin CLKOUT is an open-drain output and enabled at power-on. When disabled the output
is high-impedance.
The duty cycle of the selected clock is not controlled. However, due to the nature of the
clock generation, all will be 50 : 50 except the 32.768 kHz frequencies.
The STOP bit function can also affect the CLKOUT signal, depending on the selected
frequency. When the STOP bit is set logic 1, the CLKOUT pin will generate a continuous
LOW for those frequencies that can be stopped. For more details of the STOP bit function
see Section 8.11.
[1]
Duty cycle definition: % HIGH-level time : % LOW-level time.
[2]
1 Hz clock pulses will be affected by offset correction pulses.
8.8.1 CLKOE pin
The CLKOE pin can be used to block the CLKOUT function and force the CLKOUT pin to
a high-impedance state. The effect is the same as setting COF[2:0] = 111.
Table 35.
CLKOUT frequency selection
Bits COF[2:0]
CLKOUT frequency (Hz) Typical duty cycle[1]
Effect of STOP bit
000
32768
60 : 40 to 40 : 60
no effect
001
16384
50 : 50
no effect
010
8192
50 : 50
no effect
011
4096
50 : 50
CLKOUT = LOW
100
2048
50 : 50
CLKOUT = LOW
101
1024
50 : 50
CLKOUT = LOW
110
1[2]
50 : 50
CLKOUT = LOW
111
CLKOUT = high-Z
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com