Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2123TS Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF2123TS
Description  SPI Real time clock/calendar Time keeping application
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123TS Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF2123TS Datasheet HTML 16Page - NXP Semiconductors PCF2123TS Datasheet HTML 17Page - NXP Semiconductors PCF2123TS Datasheet HTML 18Page - NXP Semiconductors PCF2123TS Datasheet HTML 19Page - NXP Semiconductors PCF2123TS Datasheet HTML 20Page - NXP Semiconductors PCF2123TS Datasheet HTML 21Page - NXP Semiconductors PCF2123TS Datasheet HTML 22Page - NXP Semiconductors PCF2123TS Datasheet HTML 23Page - NXP Semiconductors PCF2123TS Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
20 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
8.6 Timer functions
The countdown timer has four selectable source clocks allowing for countdown periods in
the range from 244
μs to 4 h 15 min. There are also two pre-defined timers which can be
used to generate an interrupt once per second or once per minute. For periods greater
than 4 hours, the alarm function can be used. Registers 01h, 0Eh and 0Fh are used to
control the timer function and output.
8.6.1 Register Timer_clkout
[1]
Values of COF[2:0] see Table 35.
[2]
Default value.
8.6.2 Register Countdown_timer
8.6.3 Minute and second interrupt
The minute and second interrupts (bits MI and SI) are pre-defined timers for generating
periodic interrupts. The timers can be enabled independently from one another. However,
a minute interrupt enabled on top of a second interrupt will not be distinguishable since it
will occur at the same time; see Figure 14.
Table 24.
Timer_clkout - timer control register (address 0Eh) bit description
Bit
Symbol
Value
Description
Reference
7-
-
unused
-
6 to 4 COF[2:0]
[1]
CLKOUT control
Section 8.8
3
TE
0
countdown timer is disabled
Section 8.6.4
1
countdown timer is enabled
2
-
-
unused
1 to 0 CTD[1:0]
00
4.096 kHz countdown timer source clock
01
64 Hz countdown timer source clock
10
1 Hz countdown timer source clock
11[2]
1
⁄
60 Hz countdown timer source clock
Table 25.
Countdown_timer - countdown timer register (address 0Ah) bit description
Bit
Symbol
Value
Description
Reference
7 to 0
COUNTDOWN_TIMER[7:0]
0h to FFh
countdown period in seconds:
where n is the countdown value
Section 8.6.4
CountdownPeriod
n
SourceClockFrequency
---------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com