Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F32KA302 Datasheet(PDF) 27 Page - Microchip Technology

Part # PIC24F32KA302
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F32KA302 Datasheet(HTML) 27 Page - Microchip Technology

Back Button PIC24F32KA302 Datasheet HTML 23Page - Microchip Technology PIC24F32KA302 Datasheet HTML 24Page - Microchip Technology PIC24F32KA302 Datasheet HTML 25Page - Microchip Technology PIC24F32KA302 Datasheet HTML 26Page - Microchip Technology PIC24F32KA302 Datasheet HTML 27Page - Microchip Technology PIC24F32KA302 Datasheet HTML 28Page - Microchip Technology PIC24F32KA302 Datasheet HTML 29Page - Microchip Technology PIC24F32KA302 Datasheet HTML 30Page - Microchip Technology PIC24F32KA302 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 320 page
background image
 2011 Microchip Technology Inc.
DS39995B-page 27
PIC24FV32KA304 FAMILY
2.4
Voltage Regulator Pin (VCAP)
Some of the PIC24F K devices have an internal voltage
regulator. These devices have the voltage regulator
output brought out on the VCAP pin. On the PIC24F K
devices with regulators, a low-ESR (< 5Ω) capacitor is
required on the VCAP pin to stabilize the voltage
regulator output. The VCAP pin must not be connected to
VDD and must use a capacitor of 10 µF connected to
ground. The type can be ceramic or tantalum. Suitable
examples of capacitors are shown in Table 2-1.
Capacitors with equivalent specifications can be used.
Designers may use Figure 2-3 to evaluate ESR
equivalence of candidate devices.
The placement of this capacitor should be close to VCAP.
It is recommended that the trace length not exceed
0.25 inch (6 mm). Refer to Section 29.0 “Electrical
Characteristics”
for additional information.
Refer to Section 29.0 “Electrical Characteristics” for
information on VDD and VDDCORE.
FIGURE 2-3:
FREQUENCY vs. ESR
PERFORMANCE FOR
SUGGESTED VCAP
Note:
This section applies only to PIC24F K
devices with an on-chip voltage regulator.
10
1
0.1
0.01
0.001
0.01
0.1
1
10
100
1000 10,000
Frequency (MHz)
Note:
Typical data measurement at 25°C, 0V DC bias.
TABLE 2-1:
SUITABLE CAPACITOR EQUIVALENTS
Make
Part #
Nominal
Capacitance
Base Tolerance
Rated Voltage
Temp. Range
TDK
C3216X7R1C106K
10 µF
±10%
16V
-55 to 125ºC
TDK
C3216X5R1C106K
10 µF
±10%
16V
-55 to 85ºC
Panasonic
ECJ-3YX1C106K
10 µF
±10%
16V
-55 to 125ºC
Panasonic
ECJ-4YB1C106K
10 µF
±10%
16V
-55 to 85ºC
Murata
GRM32DR71C106KA01L
10 µF
±10%
16V
-55 to 125ºC
Murata
GRM31CR61C106KC31L
10 µF
±10%
16V
-55 to 85ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com