Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F32KA302 Datasheet(PDF) 41 Page - Microchip Technology

Part # PIC24F32KA302
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F32KA302 Datasheet(HTML) 41 Page - Microchip Technology

Back Button PIC24F32KA302 Datasheet HTML 37Page - Microchip Technology PIC24F32KA302 Datasheet HTML 38Page - Microchip Technology PIC24F32KA302 Datasheet HTML 39Page - Microchip Technology PIC24F32KA302 Datasheet HTML 40Page - Microchip Technology PIC24F32KA302 Datasheet HTML 41Page - Microchip Technology PIC24F32KA302 Datasheet HTML 42Page - Microchip Technology PIC24F32KA302 Datasheet HTML 43Page - Microchip Technology PIC24F32KA302 Datasheet HTML 44Page - Microchip Technology PIC24F32KA302 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 320 page
background image
TABLE 4-3:
CPU CORE REGISTERS MAP
File Name
Start
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
WREG0
0000
WREG0
0000
WREG1
0002
WREG1
0000
WREG2
0004
WREG2
0000
WREG3
0006
WREG3
0000
WREG4
0008
WREG4
0000
WREG5
000A
WREG5
0000
WREG6
000C
WREG6
0000
WREG7
000E
WREG7
0000
WREG8
0010
WREG8
0000
WREG9
0012
WREG9
0000
WREG10
0014
WREG10
0000
WREG11
0016
WREG11
0000
WREG12
0018
WREG12
0000
WREG13
001A
WREG13
0000
WREG14
001C
WREG14
0000
WREG15
001E
WREG15
0000
SPLIM
0020
SPLIM
xxxx
PCL
002E
PCL
0000
PCH
0030
—
—
—
—
—
—
—
—
—PCH
0000
TBLPAG
0032
—
—
—
—
—
—
—
—TBLPAG
0000
PSVPAG
0034
—
—
—
—
—
—
—
—PSVPAG
0000
RCOUNT
0036
RCOUNT
xxxxx
SR
0042
—
—
—
—
—
—
—
DC
IPL2
IPL1
IPL0
RA
N
OV
Z
C
0000
CORCON
0044
—
—
—
—
—
—
—
—
—
—
—
—
IPL3
PSV
—
—
0000
DISICNT
0052
—
—
DISICNT
xxxx
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com