Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F32KA302 Datasheet(PDF) 71 Page - Microchip Technology

Part # PIC24F32KA302
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F32KA302 Datasheet(HTML) 71 Page - Microchip Technology

Back Button PIC24F32KA302 Datasheet HTML 67Page - Microchip Technology PIC24F32KA302 Datasheet HTML 68Page - Microchip Technology PIC24F32KA302 Datasheet HTML 69Page - Microchip Technology PIC24F32KA302 Datasheet HTML 70Page - Microchip Technology PIC24F32KA302 Datasheet HTML 71Page - Microchip Technology PIC24F32KA302 Datasheet HTML 72Page - Microchip Technology PIC24F32KA302 Datasheet HTML 73Page - Microchip Technology PIC24F32KA302 Datasheet HTML 74Page - Microchip Technology PIC24F32KA302 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 320 page
background image
 2011 Microchip Technology Inc.
DS39995B-page 71
PIC24FV32KA304 FAMILY
6.4.1.1
Data EEPROM Bulk Erase
To erase the entire data EEPROM (bulk erase), the
address registers do not need to be configured
because this operation affects the entire data
EEPROM. The following sequence helps in performing
a bulk erase:
1.
Configure NVMCON to Bulk Erase mode.
2.
Clear NVMIF status bit and enable NVM
interrupt (optional).
3.
Write the key sequence to NVMKEY.
4.
Set the WR bit to begin erase cycle.
5.
Either poll the WR bit or wait for the NVM
interrupt (NVMIF set).
A typical bulk erase sequence is provided in
Example 6-3.
6.4.2
SINGLE-WORD WRITE
To write a single word in the data EEPROM, the
following sequence must be followed:
1.
Erase one data EEPROM word (as mentioned in
the
previous
section)
if
PGMONLY
bit
(NVMCON<12>) is set to ‘1’.
2.
Write the data word into the data EEPROM
latch.
3.
Program the data word into the EEPROM:
- Configure the NVMCON register to program one
EEPROM word (NVMCON<5:0> = 0001xx).
- Clear NVMIF status bit and enable NVM
interrupt (optional).
- Write the key sequence to NVMKEY.
- Set the WR bit to begin erase cycle.
- Either poll the WR bit or wait for the NVM
interrupt (NVMIF set).
- To get cleared, wait until NVMIF is set.
A typical single-word write sequence is provided in
Example 6-4.
EXAMPLE 6-3:
DATA EEPROM BULK ERASE
EXAMPLE 6-4:
SINGLE-WORD WRITE TO DATA EEPROM
// Set up NVMCON to bulk erase the data EEPROM
NVMCON = 0x4050;
// Disable Interrupts For 5 Instructions
asm volatile ("disi #5");
// Issue Unlock Sequence and Start Erase Cycle
__builtin_write_NVM();
int __attribute__ ((space(eedata))) eeData = 0x1234;
// Global variable located in EEPROM
int newData;
// New data to write to EEPROM
unsigned int offset;
// Set up NVMCON to erase one word of data EEPROM
NVMCON = 0x4004;
// Set up a pointer to the EEPROM location to be erased
TBLPAG = __builtin_tblpage(&eeData);
// Initialize EE Data page pointer
offset = __builtin_tbloffset(&eeData);
// Initizlize lower word of address
__builtin_tblwtl(offset, newData);
// Write EEPROM data to write latch
asm volatile ("disi #5");
// Disable Interrupts For 5 Instructions
__builtin_write_NVM();
// Issue Unlock Sequence & Start Write Cycle
while(NVMCONbits.WR=1);
// Optional: Poll WR bit to wait for
// write sequence to complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com