Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F32KA302 Datasheet(PDF) 61 Page - Microchip Technology

Part # PIC24F32KA302
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F32KA302 Datasheet(HTML) 61 Page - Microchip Technology

Back Button PIC24F32KA302 Datasheet HTML 57Page - Microchip Technology PIC24F32KA302 Datasheet HTML 58Page - Microchip Technology PIC24F32KA302 Datasheet HTML 59Page - Microchip Technology PIC24F32KA302 Datasheet HTML 60Page - Microchip Technology PIC24F32KA302 Datasheet HTML 61Page - Microchip Technology PIC24F32KA302 Datasheet HTML 62Page - Microchip Technology PIC24F32KA302 Datasheet HTML 63Page - Microchip Technology PIC24F32KA302 Datasheet HTML 64Page - Microchip Technology PIC24F32KA302 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 320 page
background image
 2011 Microchip Technology Inc.
DS39995B-page 61
PIC24FV32KA304 FAMILY
REGISTER 5-1:
NVMCON: FLASH MEMORY CONTROL REGISTER
R/SO-0, HC
R/W-0
R/W-0
R/W-0
U-0
U-0
U-0
U-0
WR
WREN
WRERR
PGMONLY(4)
—
—
—
—
bit 15
bit 8
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
ERASE
NVMOP5(1)
NVMOP4(1)
NVMOP3(1)
NVMOP2(1)
NVMOP1(1)
NVMOP0(1)
bit 7
bit 0
Legend:
SO = Settable Only bit
HC = Hardware Clearable bit
-n = Value at POR
‘1’ = Bit is set
R = Readable bit
W = Writable bit
‘0’ = Bit is cleared
x = Bit is unknown
U = Unimplemented bit, read as ‘0’
bit 15
WR:
Write Control bit
1
= Initiates a Flash memory program or erase operation. The operation is self-timed and the bit is
cleared by hardware once the operation is complete.
0
= Program or erase operation is complete and inactive
bit 14
WREN:
Write Enable bit
1
= Enable Flash program/erase operations
0
= Inhibit Flash program/erase operations
bit 13
WRERR:
Write Sequence Error Flag bit
1
= An improper program or erase sequence attempt or termination has occurred (bit is set automatically
on any set attempt of the WR bit)
0
= The program or erase operation completed normally
bit 12
PGMONLY:
Program Only Enable bit(4)
bit 11-7
Unimplemented:
Read as ‘0’
bit 6
ERASE:
Erase/Program Enable bit
1
= Perform the erase operation specified by NVMOP<5:0> on the next WR command
0
= Perform the program operation specified by NVMOP<5:0> on the next WR command
bit 5-0
NVMOP<5:0>:
Programming Operation Command Byte bits(1)
Erase Operations (when ERASE bit is ‘1’):
1010xx
= Erase entire boot block (including code-protected boot block)(2)
1001xx
= Erase entire memory (including boot block, configuration block, general block)(2)
011010
= Erase 4 rows of Flash memory(3)
011001
= Erase 2 rows of Flash memory(3)
011000
= Erase 1 row of Flash memory(3)
0101xx
= Erase entire configuration block (except code protection bits)
0100xx
= Erase entire data EEPROM(4)
0011xx
= Erase entire general memory block programming operations
0001xx
= Write 1 row of Flash memory (when ERASE bit is ‘0’)(3)
Note 1:
All other combinations of NVMOP<5:0> are no operation.
2:
Available in ICSP™ mode only. Refer to device programming specification.
3:
The address in the Table Pointer decides which rows will be erased.
4:
This bit is used only while accessing data EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com