Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX28AEC Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # IMX28AEC
Description  Processors Data Sheet for Automotive Products High assurance boot
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28AEC Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button IMX28AEC Datasheet HTML 28Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 29Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 30Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 31Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 32Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 33Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 34Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 35Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
i.MX28 Applications Processors Data Sheet for Automotive Products, Rev. 1
32
Freescale Semiconductor
3.5.3.3
DDR2 Input AC Timing
Figure 7 and Table 37 show input AC timing for standard DDR2 and LVDDR2.
Figure 7. DDR2 Input AC Timing
DDR13
DQS output high pulse width
tDQSH
0.5 tCK
–0.5
0.5 tCK
+ 0.5
ns
DDR14
DQS output low pulse width
tDQSL
0.5 tCK
–0.5
0.5 tCK
+ 0.5
ns
DDR15
DQ & DQM output setup time relative to DQS
tDS
1/4 tCK
–0.8
1/4 tCK
–0.5
ns
DDR16
DQ & DQM output hold time relative to DQS
tDH
1/4 tCK
–0.8
1/4 tCK
–0.5
ns
Table 37. DDR2 Input AC Timing
ID
Description
Symbol
Min
Max
Unit
DDR20
Positive DQS latching edge to associated CK edge
tDQSCK
–0.5
0.5
ns
DDR21
DQS to DQ input skew
tDQSQ
0.25 tCK
–0.85
0.25 tCK
–0.5
ns
DDR22
DQS to DQ input hold time
tQH
0.25 tCK
+0.75
0.25 tCK
+ 1
ns
Table 36. DDR Output AC Timing (continued)
ID
Description
Symbol
Min
Max
Unit
EMI_CLK
EMI_CLKN
EMI_DQS
DDR21
DDR22
d0
DDR20
d1
d2
d3
EMI_DQ
EMI_DQSN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com