Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX28AEC Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # IMX28AEC
Description  Processors Data Sheet for Automotive Products High assurance boot
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28AEC Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button IMX28AEC Datasheet HTML 40Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 41Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 42Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 43Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 44Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 45Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 46Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 47Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
i.MX28 Applications Processors Data Sheet for Automotive Products, Rev. 1
44
Freescale Semiconductor
3.5.8
LCD AC Output Electrical Specifications
Figure 24 depicts the AC output timing for the LCD module. Table 49 lists the LCD module timing
parameters.
Figure 24. LCD AC Output Timing Diagram
Table 49. LCD AC Output Timing Parameters
ID
Parameter
Description
tSF
Data setup for falling edge
DOTCK = T/2 – 1.97ns + 0.15*Cck – 0.19*Cd
tHF
Data hold for falling edge
DOTCK = T/2 + 0.29ns + 0.09*Cd – 0.10*Cck
tSR
Data setup for rising edge
DOTCK = T/2 – 2.09ns + 0.18*Cck – 0.19*Cd
tHR
Data hold for rising edge
DOTCK = T/2 + 0.40ns + 0.09*Cd – 0.10*Cck
tDW
Data valid window
tDW = T – 1.45ns
PAD_LCD_DOTCK
Falling edge capture
Notes:
T = LCD interface clock period
I/O Drive Strength = 4mA
I/O Voltage = 3.3V
Cck = Capacitance load on DOTCK pad
Cd = Capacitance load on DATA/CTRL pad
PAD_LCD_D[17:0],
PAD_LCD_VSYNC, etc
DATA/CTRL
tDW
tSF
tHF
PAD_LCD_DOTCK
Rising edge capture
tSR
tHR
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com