Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX28AEC Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # IMX28AEC
Description  Processors Data Sheet for Automotive Products High assurance boot
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28AEC Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button IMX28AEC Datasheet HTML 48Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 49Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 50Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 51Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 52Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 53Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 54Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 55Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 72 page
background image
i.MX28 Applications Processors Data Sheet for Automotive Products, Rev. 1
52
Freescale Semiconductor
3.5.13
SPDIF AC Timing
SPDIF data is sent using bi-phase marking code. When encoding, the SPDIF data signal is modulated by
a clock that is twice the bit rate of the data signal.
The following Table 57 shows SPDIF timing parameters, including the timing of the modulating Tx clock
(spdif_clk) in SPDIF transmitter as shown in the Figure 35.
Figure 35. spdif_clk Timing
Table 56. SAIF Receiver Timing with Internal Clock
ID
Parameter
Min.
Max.
Unit
SS1
BITCLK period
81.4
—
ns
SS2
BITCLK high period
36.0
—
ns
SS3
BITCLK rise time
—
6.0
ns
SS4
BITCLK low period
36.0
—
ns
SS5
BITCLK fall time
—
6.0
ns
SS14
BITCLK high to LRCLK high
—
15.0
ns
SS15
BITCLK high to LRCLK low
—
15.0
ns
SS16
SDATA setup time before BITCLK high
10.0
—
ns
SS17
SDATA hold time after BITCLK high
0.0
—
ns
Table 57. SPDIF Timing
Characteristics
Symbol
Timing Parameter Range
Unit
Min
Max
SPDIFOUT output (Load = 30pf)
•Skew
• Transition Rising
• Transition Falling
—
—
—
—
—
—
1.5
13.6
18.0
ns
Modulating Tx clock (spdif_clk) period
spclkp
81.4
—
ns
spdif_clk high period
spclkph
65.1
—
ns
spdif_clk low period
spclkpl
65.1
—
ns
spdif_clk
(Input)
spclkp
spclkph
spclkpl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com