Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX28AEC Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # IMX28AEC
Description  Processors Data Sheet for Automotive Products High assurance boot
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28AEC Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button IMX28AEC Datasheet HTML 31Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 32Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 33Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 34Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 35Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 36Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 37Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 38Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
i.MX28 Applications Processors Data Sheet for Automotive Products, Rev. 1
Freescale Semiconductor
35
Figure 10 shows MII transmit signal timings. Table 40 describes the timing parameters (M5–M8) shown
in the figure.
Figure 10. MII Transmit Signal Timing Diagram
1 ENET0_TX_EN, ENET0_TX_CLK, and ENET0_TXD0 have the same timing in 10-Mbps 7-wire interface mode.
3.5.4.1.3
MII Asynchronous Inputs Signal Timing (ENET0_CRS and ENET0_COL)
Figure 11 shows MII asynchronous input timings. Table 41 describes the timing parameter (M9) shown in
the figure.
Figure 11. MII Async Inputs Timing Diagram
1 ENET0_COL has the same timing in 10-Mbit 7-wire interface mode.
Table 40. MII Transmit Signal Timing
ID
Characteristic1
Min.
Max.
Unit
M5
ENET0_TX_CLK to ENET0_TXD[3:0], ENET0_TX_EN,
ENET0_TX_ER invalid
5—
ns
M6
ENET0_TX_CLK to ENET0_TXD[3:0], ENET0_TX_EN,
ENET0_TX_ER valid
—20
ns
M7
ENET0_TX_CLK pulse width high
35%
65%
ENET0_TX_CLK
period
M8
ENET0_TX_CLK pulse width low
35%
65%
ENET0_TX_CLK
period
Table 41. MII Asynchronous Inputs Signal Timing
ID
Characteristic
Min.
Max.
Unit
M91
ENET0_CRS to ENET0_COL minimum pulse width
1.5
—
ENET0_TX_CLK period
ENET0_TX_CLK (input)
ENET0_TXD[3:0] (outputs)
ENET0_TX_EN
ENET0_TX_ER
M7
M8
M5
M6
ENET0_CRS, ENET0_COL
M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com