Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC33882R2 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # PC33882R2
Description  Six Output Low Side Switch with SPI and Parallel Input Control
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33882R2 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button PC33882R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 29Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 31Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
Analog Integrated Circuit Device Data
30
Freescale Semiconductor
33882
REVISION HISTORY
PACKAGE DIMENSIONS (CONTINUED)
REVISION HISTORY
REVISION
DATE
DESCRIPTION OF CHANGES
3.0
9/2005
• Implemented Revision History page
• Added Thermal Addendum
• Converted to Freescale format
4.0
5/2006
• Updated ordering information block on page 1
5.0
10/2006
• Updated data sheet format
• Removed Peak Package Reflow Temperature During Reflow (solder reflow) parameter
from Maximum Ratings on page 5. Added note with instructions to obtain this information
from www.freescale.com.
6.0
6/2009
• Changed Supply Voltage in Static Electrical Characteristics, Table 4, on page 9
7.0
x/2010
• New Fab transfer devices added. No electrical parameter changes.
• Removed Part Numbers MC33882FC/R2, MC33882EK/R2, MC33882VW, and
MC33882EP, and replaced with part numbers MC33882PVW, MC33882PEP.
• Added EK package to the ordering information and supporting data
• Removed all DH suffix information.
• Corrected HSOP 98A reference number and associated information
• Update the Packaging section 98A drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com