Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC33882R2 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # PC33882R2
Description  Six Output Low Side Switch with SPI and Parallel Input Control
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33882R2 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button PC33882R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
19
33882
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
SYSTEM ACTUATOR ELECTRICAL
CHARACTERISTICS (AT ROOM TEMPERATURE)
All drains should have a 0.01
μF filter capacitor connected
to ground. Any unused output pin should not be energized. A
20 Ω resistor to the battery is required to prevent false open
load reporting. There must also be a maximum of 100 Ω of
resistance from VPWR to ground, keeping battery-powered
loads OFF when the IC is powered down. However, all loads
should be powered by VPWR to protect the device from full
transient voltages on the battery voltage.
POWER-UP
The device is insensitive to power sequencing for VPWR
and VDD, as well as intolerant to latch-up on all I/O pins.
Upon power-up, an internal power-ON reset clears the serial
registers, allowing all outputs to power up in the off-state
when parallel control pins are also low. Although the serial
register is cleared by this power-ON reset, software must still
initialize the outputs with an SPI command prior to changing
the MODE pin from a high to a low state. This assures known
output states when MODE is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com