Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC33882R2 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # PC33882R2
Description  Six Output Low Side Switch with SPI and Parallel Input Control
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33882R2 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  PC33882R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33882
PIN CONNECTIONS
4
6
9
18
21
24
27
29
9
11
13
25
28
30
32
2
21
23
25
5
8
10
12
14
IN0
IN1
IN2
IN7
IN3
IN4
IN5
IN6
Input 0–Input7
These are parallel control input pins. These pins have internal 25
μA active
pull-downs.
5
7
10
17
20
23
26
30
10
12
14
24
27
29
31
3
22
24
26
4
7
9
11
15
OUT0
OUT1
OUT2
OUT7
OUT3
OUT4
OUT5
OUT6
Output 0–Output7
Each pin is one channel's drain, sinking current for the respective load.
8, 11, 22,
25
2,31
NC
No Connect
Not connected.
12
15
27
SI
Serial Input
The Serial Input pin is connected to the SPI Serial Data Output pin of the
control IC from where it receives output command data. This input has an
internal active 25
μA pull-down and requires CMOS logic levels.
13
16
28
SCLK
Serial Clock
The SCLK pin of the control IC is a bit (shift) clock for the SPI port. It
transitions one time per bit transferred when in operation. It is idle between
command transfers. It is 50% duty cycle, and has CMOS levels.
14
17
29
CS
Chip Select
This pin is connected to a chip select output of the control IC. This input has
an internal active 25
μA pull-up and requires CMOS logic levels.
15
18
30
SO
Serial Output
This pin is connected to the SPI Serial Data Input pin of the control IC or to
the SI pin of the next device in a daisy chain. This output will remain tri-
stated unless the device is selected by a low CS pin or the MODE pin goes
low. The output signal generated will have CMOS logic levels and the output
data will transition on the falling edges of SCLK. The serial output data
provides fault information for each output and is returned MSB first when the
device is addressed.
16
23
3
VDD
Logic Supply Voltage This pin is connected to the 5.0 V power supply of the system. A decoupling
capacitor is required from VDD to ground.
Heat
Sink
(exposed
pad)(1)
4,5,19-
22
1,16,17,
32
GND
Ground
Ground continuity is required for the outputs to turn on. The heatsink must
be electrically connected to GND.
Notes
1.
The exposed pad on this package provides the circuit ground connection for the IC.
Table 1. HSOP Pin Function Description (continued)
30 Pin
HSOP
32 Pin
QFN
32 Pin
SOIC
Pin Name
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com