Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC33882R2 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # PC33882R2
Description  Six Output Low Side Switch with SPI and Parallel Input Control
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33882R2 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button PC33882R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc PC33882R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
33882
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
ELECTRICAL PERFORMANCE CURVES
0.37
0.38
AMBIENT TEMPERATURE (°C)
55
70
115
40
85
100
130
0.39
0.4
0.41
0.42
0.36
0.35
0.43
RDS(ON)
RDS(ON)
25
Figure 8. Output RDS(ON) Versus Temperature
AMBIENT TEMPERATURE (
°C)
-50
0
25
100
-25
50
75
125
53.8
54.0
54.2
54.4
54.6
54.8
53.6
53.4
55.0
VCLAMP
Figure 9. Output Clamp Voltage Versus Temperature
Table 5. Logic Table
Mode of Operation
Command
Sent
Status
Transmitted
SO
Status
Transmitted
Next SO
Mode Pin IN0&IN1 IN4&IN5
Input Pins
5 4 3 2 1 0
Gates
5 4 3 2 1 0
Outputs
5 4 3 2 1 0
Normal Operation
00111111
001X1010
000101X1
00XXX000
00000000
00000000
00000000
00000000
00111111
001Y1010
000101Y1
00YYY000
L
L
L
L
X
X
X
X
X
X
X
X
X X X X X X
X H X L X L
L X L X H X
H H H L L L
H H H H H H
H H H L H L
L H L H H H
H H H L L L
L L L L L L
L L L H L H
H L H L L L
L L L H H H
Default Mode
00XXXXXX
00XXXXXX
00XXXXXX
00XXXXXX
11111111
11111111
11111111
11111111
11111111
11111111
11111111
11111111
H
H
H
H
H
H
L
L
H
L
H
L
X X H L X X
X X L H X X
X X H L X X
X X L H X X
H H H L H H
H H L H L L
L L H L H H
L L L H L L
L L L H L L
L L H L H H
H H L H L L
H H H L H H
Over-voltage Shutdown
00XXXXXX 00XXXXXX
00XXXXXX
X
X
X
X X X X X X L L L L L L H H H H H H
Short-to-Battery
/
Short-circuit Output 0
00XXXXX0
00XXXXX1
00000000
00000001
00YYYYY0
00YYYYY0
L
L
X
X
X
X
X X X X X L
X X X X X X
Y Y Y Y Y L
Y Y Y Y Y H
Y Y Y Y Y H
Y Y Y Y Y H
Open Load/
Short-to-Ground Output 0
00XXXXX0
00XXXXX1
00000001
00000000
00YYYYY1
00YYYYY1
L
L
X
X
X
X
X X X X X L
X X X X X X
Y Y Y Y Y L
Y Y Y Y Y H
Y Y Y Y Y L
Y Y Y Y Y L
Legend
0011XXYY = Serial (SPI) commands and status bytes (8-bit operation mode) MSB to LSB.
0 = Off command, SO OK status.
1 = On command, SO FAULT status.
X = Don’t care.
Y = Defined by state of X.
H = High-voltage level: Active state for inputs/gates, inactive state for outputs.
L = Low-voltage level: Inactive state for inputs/gates, active state for outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com