Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9146BCPZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9146BCPZ
Description  Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9146BCPZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9146BCPZ Datasheet HTML 35Page - Analog Devices AD9146BCPZ Datasheet HTML 36Page - Analog Devices AD9146BCPZ Datasheet HTML 37Page - Analog Devices AD9146BCPZ Datasheet HTML 38Page - Analog Devices AD9146BCPZ Datasheet HTML 39Page - Analog Devices AD9146BCPZ Datasheet HTML 40Page - Analog Devices AD9146BCPZ Datasheet HTML 41Page - Analog Devices AD9146BCPZ Datasheet HTML 42Page - Analog Devices AD9146BCPZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
AD9146
Rev. 0 | Page 39 of 52
Figure 52 shows the most basic transmit DAC output circuitry.
A pair of resistors, RO, is used to convert each of the comple-
mentary output currents to a differential voltage output, VOUT.
Because the current outputs of the DAC are high impedance,
the differential driving point impedance of the DAC outputs,
ROUT, is equal to 2 × RO. Figure 53 illustrates the output voltage
waveforms.
RO
RO
VIP +
VIN –
VOUTI
IOUT1P
IOUT1N
RO
RO
VQP +
VQN –
VOUTQ
IOUT2P
IOUT2N
Figure 52. Basic Transmit DAC Output Circuit
+VPEAK
VP
VOUT
VN
VCM
0
–VPEAK
Figure 53. Output Voltage Waveforms
The common-mode signal voltage, VCM, is calculated as
O
FS
CM
R
I
V
×
=
2
The peak output voltage, VPEAK, is calculated as
VPEAK = IFS × RO
With this circuit configuration, the single-ended peak voltage is
the same as the peak differential output voltage.
Transmit DAC Linear Output Signal Swing
To achieve optimum performance, the DAC outputs have a
linear output compliance voltage range that must be adhered
to. The linear output signal swing is dependent on the full-scale
output current, IFS, and the common-mode level of the output.
Figure 54 shows the IMD performance vs. the output common-
mode voltage at different full-scale currents.
–85
–80
–75
–70
–65
–60
–55
–50
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IFS = 10mA
IFS = 20mA
IFS = 30mA
VCM (V)
Figure 54. IMD vs. Output Common-Mode Voltage (fOUT = 161 MHz,
RLOAD = 50 Ω
Differential, IFS = 10 mA, 20 mA, and 30 mA)
AUXILIARY DAC OPERATION
The AD9146 has two auxiliary DACs: one associated with the
I path and one associated with the Q path. These auxiliary DACs
can be used to compensate for dc offsets in the transmitted signal.
Each auxiliary DAC has a single-ended current that can sink or
source current into either the positive (P) or negative (N) out-
put of the associated transmit DAC. The auxiliary DAC
structure is shown in Figure 55.
IOUT1P
IOUT1N
I DAC
VB
I AUX DAC
CURRENT
DIRECTION
I AUX DAC[9:0]
I AUX DAC
SIGN
Figure 55. Auxiliary DAC Structure
The control registers for the I and Q auxiliary DACs are
Register 0x42, Register 0x43, Register 0x46, and Register 0x47.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com