Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE318 Datasheet(PDF) 5 Page - Analog Devices

Part # ADATE318
Description  600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE318 Datasheet(HTML) 5 Page - Analog Devices

  ADATE318 Datasheet HTML 1Page - Analog Devices ADATE318 Datasheet HTML 2Page - Analog Devices ADATE318 Datasheet HTML 3Page - Analog Devices ADATE318 Datasheet HTML 4Page - Analog Devices ADATE318 Datasheet HTML 5Page - Analog Devices ADATE318 Datasheet HTML 6Page - Analog Devices ADATE318 Datasheet HTML 7Page - Analog Devices ADATE318 Datasheet HTML 8Page - Analog Devices ADATE318 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
ADATE318
Rev. 0 | Page 5 of 80
Parameter
Min
Typ
Max
Unit
Test
Level
Conditions
TEMPERATURE MONITOR
Temperature Sensor Gain
10
mV/K
D
Temperature Sensor Accuracy over
Temperature Range
±6
K
CT
VREF INPUT REFERENCE
DAC Reference Input Voltage Range
(VREF Pin)
4.950
5.000
5.050
V
D
Provided externally:
VREF pin = +5.000 V
VREFGND pin = 0.000 V (not referenced to VDUTGND)
Input Bias Current
100
μA
P
Tested with 5.000 V applied
DUTGND INPUT
Input Voltage Range,
Referenced to AGND
−0.1
+0.1
V
D
Input Bias Current
−100
+100
μA
P
Tested at −100 mV and
+100 mV
Table 2. Driver (VIH − VIL ≥ 100 mV to Meet DC and AC Performance Specifications)
Parameter
Min
Typ
Max
Unit
Test
Level
Conditions
DC SPECIFICATIONS
High-Speed Differential Input
Characteristics
High Speed Input Termination
Resistance: DATx, RCVx
92
100
108
Ω
P
Impedance between each pair of DATx and RCVx pins;
push 4 mA into positive pin, force 0.8 V on negative pin,
measure voltage between pins; calculate resistance (
ΔV/ΔI)
Input Voltage Differential: DATx, RCVx
0.2
0.4
1.0
V
D
0.2 V < VDM < 1.0 V
Input Voltage Range: DATx, RCVx
0.0
3.3
V
D
0.0 V < (VCM ± VDM/2) < 3.3 V
Output Characteristics
Output High Range, VIH
−1.4
+6.5
V
D
Output Low Range, VIL
−1.5
+6.4
V
D
Output Term Range, VIT
−1.5
+6.5
V
D
Functional Amplitude
(VIH – VIL)
0.0
8.0
V
D
DC Output Current Limit Source
75
130
mA
P
Drive high, VIH =
+6.5 V, short DUTx pin to −1.5 V, measure
current
DC Output Current Limit Sink
−130
−75
mA
P
Drive low, VIL =
−1.5 V, short DUTx pin to +6.5 V, measure
current
Output Resistance, ±40 mA
46
48.6
51
Ω
P
ΔVDUT/ΔIDUT; source: VIH = 3.0 V, IDUT = +1 mA, +40 mA;
sink: VIL = 0.0 V, IDUT =
−1 mA, −40 mA
DC ACCURACY
VIH tests with VIL =
−2.5 V, VIT = −2.5 V
VIL tests with VIH =
+7.5 V, VIT = +7.5 V
VIT tests with VIL =
−2.5 V, VIH = +7.5 V, unless otherwise
specified
VIH, VIL, VIT Offset Error
−500
+500
mV
P
Measured at DAC Code 0x4000 (0 V), uncalibrated
VIH, VIL, VIT Offset Tempco
±625
μV/°C
CT
VIH, VIL, VIT Gain
1.0
1.1
V/V
P
Gain derived from measurements at DAC Code 0x4000
(0 V) and DAC Code 0xC000 (5 V); based on ideal DAC
transfer functions (see Table 21)
VIH, VIL, VIT Gain Tempco
±40
ppm/°C
CT
VIH, VIL, VIT DNL
±1
mV
CT
After two point gain/offset calibration; calibration points at
0x4000 (0 V) output; 0xC000 (+5 V) output; measured over
full specified output range
VIH, VIL, VIT INL
−7
+7
mV
P
After two point gain/offset calibration; applies to nominal
VDD =
+10.0 V supply case only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com