Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE318 Datasheet(PDF) 18 Page - Analog Devices

Part # ADATE318
Description  600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE318 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADATE318 Datasheet HTML 14Page - Analog Devices ADATE318 Datasheet HTML 15Page - Analog Devices ADATE318 Datasheet HTML 16Page - Analog Devices ADATE318 Datasheet HTML 17Page - Analog Devices ADATE318 Datasheet HTML 18Page - Analog Devices ADATE318 Datasheet HTML 19Page - Analog Devices ADATE318 Datasheet HTML 20Page - Analog Devices ADATE318 Datasheet HTML 21Page - Analog Devices ADATE318 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 80 page
background image
ADATE318
Rev. 0 | Page 18 of 80
Parameter
Min
Typ
Max
Unit
Test
Level
Conditions
Range A,
200 pF and 2000 pf Load
2.5
μs
CB
PPMU enabled in FV, Range A, DCL disabled;
program VIN steps from 0 V to 0.5 V.
Range B,
200 pF and 2000 pf Load
6.3
μs
CB
PPMU enabled in FV, Range B, DCL disabled;
program VIN steps from 0 V to 0.5 V.
Range C,
200 pF and 2000 pf Load
8.1
μs
CB
PPMU enabled in FV, Range C, DCL disabled;
program VIN steps from 0 V to 0.5 V.
Force Current Settling Time to 0.1% of
Final Value
Range A,
200 pF in Parallel with 120 Ω
16
μs
S
PPMU enabled in FI, Range A, DCL disabled;
program VIN step of 0 mA to 40 mA.
Range B,
200 pF in Parallel with 1.5 KΩ
10
μs
S
PPMU enabled in FI, Range B, DCL disabled;
program VIN step of 0 mA to 1 mA.
Range C,
200 pF in Parallel with 15.0 KΩ
40
μs
S
PPMU enabled in FI, Range C, DCL disabled;
program VIN step of 0 mA to 100 μA.
Force Current Settling Time to 1.0% of
Final Value
Range A,
200 pF in Parallel with 120 Ω
8.1
μs
CB
PPMU enabled in FI, Range A, DCL disabled;
program VIN step of 0 mA to 40 mA.
Range B,
200 pF in Parallel with 1.5 KΩ
7.5
μs
CB
PPMU enabled in FI, Range B, DCL disabled;
program VIN step of 0 mA to 1 mA.
Range C,
200 pF in Parallel with 15.0 KΩ
8.1
μs
CB
PPMU enabled in FI, Range C, DCL disabled;
program VIN step of 0 mA to 100 μA.
INTERACTION and CROSSTALK
Measure Voltage Channel-to-Channel
Crosstalk
±0.01
%FSR
CT
0.01% × 8.5 V = 0.85 mV, PPMU enabled in
FIMV, DCL disabled; CHx under test: Range B,
forcing 0 mA into 0 V load; other channel:
Range A, sweep 0 mA to 40 mA into 0 V load;
report
ΔV of PPMU_MEASx pin under test.
Measure Current Channel-to-Channel
Crosstalk
±0.01
%FSR
CT
0.01% × 5.0 V = 0.5 mV, PPMU enabled in
FVMI, DCL disabled; CHx under test: Range E,
forcing 0 V into 0 mA current load; other
channel: Range E, sweep
−2.0 V to +6.5 V into
0 mA current load; report
ΔV of PPMU_MEASx
pin under test.
Table 8. PPMU_Go/No-Go Comparators
Parameter
Min
Typ
Max
Unit
Test
Level
Conditions
Compare Voltage Range
−2.0
+6.5
V
D
Input Offset Voltage
−250
+250
mV
P
Measured at DAC Code 0x4000 (0 V)
Input Offset Voltage Tempco
±50
μV/ºC
CT
Gain
1.0
1.1
V/V
P
Gain derived from measurements at DAC
Code 0x4000 (0 V) and DAC Code 0xC000
(+5.0 V)
Gain Tempco
±25
ppm/ºC
CT
Applies at m = 1.0 and c = 0.0
Comparator Threshold Resolution
153
μV
D
Comparator Threshold DNL
±1
mV
CT
After two point gain/offset calibration;
measured over VOH/VOL range − 2.0 V to
+6.5 V; calibration points at 0x4000 (0 V) and
0xC000 (
+5 V)
Comparator Threshold INL
−7
+7
mV
P
After two point gain/offset calibration;
measured at end points of VOH and VOL
functional range
DUTGND Voltage Accuracy
−7
±2
+7
mV
P
Over ±0.1 V range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com