Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE318 Datasheet(PDF) 7 Page - Analog Devices

Part # ADATE318
Description  600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE318 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADATE318 Datasheet HTML 3Page - Analog Devices ADATE318 Datasheet HTML 4Page - Analog Devices ADATE318 Datasheet HTML 5Page - Analog Devices ADATE318 Datasheet HTML 6Page - Analog Devices ADATE318 Datasheet HTML 7Page - Analog Devices ADATE318 Datasheet HTML 8Page - Analog Devices ADATE318 Datasheet HTML 9Page - Analog Devices ADATE318 Datasheet HTML 10Page - Analog Devices ADATE318 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
ADATE318
Rev. 0 | Page 7 of 80
Parameter
Min
Typ
Max
Unit
Test
Level
Conditions
Maximum Toggle Rate
2040
Mbps
CB
VIH = 1.0 V, VIL = 0.0 V, terminated, less than 10% loss at
50% duty
2.0 V Programmed Swing
725
ps
CB
VIH = 2.0 V, VIL = 0.0 V, terminated, timing error less than
+80/−48 ps
725
ps
CB
VIH = 2.0 V, VIL = 0.0 V, terminated, less than 10%
amplitude loss
Maximum Toggle Rate
1400
Mbps
CB
VIH = 2.0 V, VIL = 0.0 V, terminated, less than 10% loss at
50% duty
3.0 V Programmed Swing
900
ps
CB
VIH = 3.0 V, VIL = 0.0 V, terminated, timing error less than
+50/−83 ps
900
ps
CB
VIH = 3.0 V, VIL = 0.0 V, terminated, less than 10%
amplitude loss
Maximum Toggle Rate
1100
Mbps
CB
VIH = 3.0 V, VIL = 0.0 V, terminated, less than 10%
amplitude loss at 50% duty cycle
Dynamic Performance,
Drive (VIH to VIL)
Toggle DATx
Propagation Delay Time
1.26
ns
CB
VIH = 2.0 V, VIL = 0.0 V, terminated
Propagation Delay Tempco
1.4
ps/ºC
CB
VIH = 2.0 V, VIL = 0.0 V, terminated
Delay Matching, Edge to Edge
43
ps
CB
VIH = 2.0 V, VIL = 0.0 V, terminated, rising vs. falling
Delay Matching, Channel to Channel
32
ps
CB
VIH = 2.0 V, VIL = 0.0 V, terminated, rising vs. rising, falling
vs. falling
Delay Change vs. Duty Cycle
−28
ps
CB
VIH = 2.0 V, VIL = 0.0 V, terminated, 5% to 95% duty cycle
Overshoot and Undershoot
−116
mV
CB
VIH = 2.0 V, VIL = 0.0 V, terminated, driver CLC set to 0
Settling Time (VIH to VIL)
Toggle DATx
To Within 3% of Final Value
1.7
ns
CB
VIH = 2.0 V, VIL= 0.0 V, terminated
To Within 1% of Final Value
45
ns
CB
VIH = 2.0 V, VIL= 0.0 V, terminated
Dynamic Performance,
VTerm (VIH or VIL to/from VIT)
Toggle RCVx
Propagation Delay Time
1.39
ns
CB
VIH = 2.0 V, VIT = 1.0 V, VIL = 0.0 V, terminated
Propagation Delay Tempco
2.3
ps/ºC
CB
VIH = 2.0 V, VIT = 1.0 V, VIL = 0.0 V, terminated
Transition Time, Active to VIT
310
ps
CB
20% to 80%, VIH = 2.0 V, VIT = 1.0 V, VIL = 0.0 V, terminated
Transition Time, VIT to Active
329
ps
CB
20% to 80%, VIH = 2.0 V, VIT = 1.0 V, VIL = 0.0 V, terminated
Dynamic Performance,
Inhibit (VIH or VIL to/from Inhibit)
Toggle RCVx
Transition Time, Inhibit to Active
357
ps
CB
20% to 80%, VIH = +1.0 V, VIL = −1.0 V, terminated
Transition Time, Active to Inhibit
1.34
ns
CB
20% to 80%, VIH = +1.0 V, VIL = −1.0 V, terminated
Prop Delay, Inhibit to VIH
2.6
ns
CB
VIH = +1.0 V, VIL = −1.0 V, terminated; measured from RCVx
input crossing to DUTx pin output 50%
Prop Delay, Inhibit to VIL
2.8
ns
CB
VIH = +1.0 V, VIL = −1.0 V, terminated
Prop Delay Matching,
Inhibit to VIL vs. Inhibit to VIH
52
ps
CB
VIH = +1.0 V, VIL = −1.0 V, terminated
Prop Delay, VIH to Inhibit
2.29
ns
CB
VIH = +1.0 V, VIL = −1.0 V, terminated, measured from RCVx
input crossing to DUTx pin output 50%
Prop Delay, VIL to Inhibit
2.02
ns
CB
VIH = +1.0 V, VIL = −1.0 V, terminated
I/O Spike
24
mV pk-
pk
CB
VIH = 0.0 V, VIL = 0.0 V, terminated
Driver Pre-Emphasis (CLC)
Pre-Emphasis Amplitude Rising
35
%
CB
VIH = 2.0 V, VIL = 0.0 V, terminated, DRV_CLC_x[15:13] = 7
14
%
CB
VIH = 2.0 V, VIL = 0.0 V, terminated, DRV_CLC_x[15:13] = 0
Pre-Emphasis Amplitude Falling
24
%
CB
VIH = 2.0 V, VIL = 0.0 V, terminated, DRV_CLC_x[15:13] = 7
16
%
CB
VIH = 2.0 V, VIL = 0.0 V, terminated, DRV_CLC_x[15:13] = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com