Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE318 Datasheet(PDF) 16 Page - Analog Devices

Part # ADATE318
Description  600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE318 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADATE318 Datasheet HTML 12Page - Analog Devices ADATE318 Datasheet HTML 13Page - Analog Devices ADATE318 Datasheet HTML 14Page - Analog Devices ADATE318 Datasheet HTML 15Page - Analog Devices ADATE318 Datasheet HTML 16Page - Analog Devices ADATE318 Datasheet HTML 17Page - Analog Devices ADATE318 Datasheet HTML 18Page - Analog Devices ADATE318 Datasheet HTML 19Page - Analog Devices ADATE318 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
ADATE318
Rev. 0 | Page 16 of 80
Parameter
Min
Typ
Max
Unit
Test
Level
Conditions
Range E
−0.045
+0.045
%FSR
P
After two point gain/offset calibration;
measured over FSR output.
Force Current Compliance vs. Voltage
Load
Range A
−0.3
+0.3
%FSR
P
Force positive full-scale current driving
−2.0 V and
+5.75 V; measure ΔI at DUTx pin;
force negative full-scale current driving
−2.0 V and
+5.75 V; measure ΔI at DUTx pin.
−0.3
+0.3
%FSR
P
Force +25 mA driving −2.0 V and
+6.0 V;
measure
ΔI at DUTx pin; force −25 mA driving
−2.0 V and
+6.0 V; measure ΔI at DUTx pin.
−0.06
+0.06
%FSR
P
Force positive full-scale current driving
0.0 V and +4.0 V; measure
ΔI at DUTx pin;
force negative full-scale current driving
0.0 V and +4.0 V; measure
ΔI at DUTx pin.
Range B and Range C
−0.3
+0.3
%FSR
P
Force positive full-scale current driving
−2.0 V and +6.5 V; measure
ΔI at DUTx pin;
force negative full-scale current driving
−2.0 V and +6.5 V; measure
ΔI at DUTx pin.
−0.06
+0.06
%FSR
P
Force positive full-scale current driving
0.0 V and +4.0 V; measure
ΔI at DUTx pin;
force negative full-scale current driving
0.0 V and +4.0 V; measure
ΔI at DUTx pin.
Range D
−0.3
+0.3
%FSR
P
Force positive full-scale current driving
−2.0 V and +6.5 V; measure ΔI at DUTx pin;
force negative full-scale current driving
−2.0 V and +6.5 V; measure ΔI at DUTx pin;
allows for 10 nA of DUTx pin leakage.
Range E
−0.85
+0.85
%FSR
P
Force positive full-scale current driving
−2.0 V and +6.5 V; measure ΔI at DUTx pin;
force negative full-scale current driving
−2.0 V
and +6.5 V; measure
ΔI at DUTx pin; allows for
10 nA of DUTx pin leakage.
MEASURE VOLTAGE
PPMU enabled, FVMV, DCL disabled.
Voltage Range
−2.0
+6.5
V
D
Offset
−25
+25
mV
P
Range B, VDUTx = 0 V; offset = (PPMU_MEAS
− VDUTx).
Offset Tempco
±10
μV/°C
CT
Gain
0.98
1.02
V/V
P
Range B, gain derived from measurements at
VDUTx = 0.0 V and +5.0 V.
Gain Tempco
±1
ppm/°C
CT
INL
−1.7
+1.7
mV
P
Range B, measured over
−2.0 V to +6.5 V.
Measure Pin DC Characteristics
Output Range
−2.0
+6.5
V
D
DC Output Current
4
mA
D
Output Impedance
200
Ω
P
PPMU enabled in FVMV, DCL disabled;
Source resistance:
PPMU force
+6.5 V with 0 mA, +4 mA load
Sink resistance:
PPMU force
−2.0 V with 0 mA, −4 mA load
Resistance =
ΔV/ΔI at PPMU_MEAS pin.
Output Leakage Current When
Tristated
−1
+1
μA
P
Tested at
−2.0 V and +6.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com