Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6288R Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE6288R
Description  Smart 6 Channel Peak & Hold Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6288R Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE6288R Datasheet HTML 1Page - Infineon Technologies AG TLE6288R Datasheet HTML 2Page - Infineon Technologies AG TLE6288R Datasheet HTML 3Page - Infineon Technologies AG TLE6288R Datasheet HTML 4Page - Infineon Technologies AG TLE6288R Datasheet HTML 5Page - Infineon Technologies AG TLE6288R Datasheet HTML 6Page - Infineon Technologies AG TLE6288R Datasheet HTML 7Page - Infineon Technologies AG TLE6288R Datasheet HTML 8Page - Infineon Technologies AG TLE6288R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
3
Rev. 2.5, 2010-10-11
Type
Package
TLE6288R
PG-DSO-36-54
TLE6288R
Features
•
3 Channel high side with adjustable Peak & Hold current
control
•
3 Channel high/low side configurable
•
Protection
– Overcurrent (current limitation)
– Overtemperature
– Overvoltage (active clamping)
•
Diagnosis
– Overcurrent
– Overtemperature
– Open load (Off-State)
– Short to Ground (Off-state, lowside configuration)
–Short to
V
B (Off-state, highside configuration)
•
Interface and Control
– 16-Bit Serial Peripheral Interface (2 bit/CH)
– Device programming via SPI
– Separate diagnosis output for each CH (DIAG1
to 6)
– General Fault Flag + Overtemperature Flag
– Direct parallel control of all channels
– General enable signal to control all channels
simultaneously
•
Low Quiescent Current
•
Compatible with 3.3 V and 5 V microcontrollers
•
Electrostatic discharge (ESD) protection of all pins
•
Green Product (RoHS compliant)
•
AEC Qualified
Application
•
Peak & Hold Loads (valves, coils)
•
Solenoids, Relays and Resistive Loads
•
Fast protected Highside Switching
(PWM up to > 10 kHz)
General Description
The TLE6288R is a 6-channel (150 m
Ω) Smart Multichannel Switch in Smart Power Technology. The IC has
embedded protection, diagnosis and configurable functions. Channels 1-3 are highside channels with integrated
charge pump and can be programmed individually to do autonomous peak and hold current regulation with PWM.
Channel 4-6 (also with integrated charge pump) can be configured to work as highside switch or lowside switch.
This IC can be used to drive standard automotive loads in highside or lowside applications with switching
frequencies up to 10 kHz. In addition the TLE6288R can be used to drive autonomously up to 3 inductive
peak & hold (valves, coils) loads with programmable peak and hold current values.
Table 1
Product Summary
Parameter
Symbol
Values
Unit
Logic Supply voltage
V
CC
4.5 … 5.5
V
On resistance
R
DS(ON)1-6
0.15 typ. @ 25 °C
Ω
Lowside clamping voltage
V
cll(max)
+55
V
Highside clamping voltage
V
clh(max)
-19
V
Peak current range
I
pk
1.2 … 3.6
A
Hold current range
I
hd
0.7 … 2
A
Peak time range
I
p
0 … 3.6
ms
Fixed off time range
I
fo
100 … 400
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com