Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6288R Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE6288R
Description  Smart 6 Channel Peak & Hold Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6288R Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE6288R Datasheet HTML 21Page - Infineon Technologies AG TLE6288R Datasheet HTML 22Page - Infineon Technologies AG TLE6288R Datasheet HTML 23Page - Infineon Technologies AG TLE6288R Datasheet HTML 24Page - Infineon Technologies AG TLE6288R Datasheet HTML 25Page - Infineon Technologies AG TLE6288R Datasheet HTML 26Page - Infineon Technologies AG TLE6288R Datasheet HTML 27Page - Infineon Technologies AG TLE6288R Datasheet HTML 28Page - Infineon Technologies AG TLE6288R Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Data Sheet
25
Rev. 2.5, 2010-10-11
TLE6288R
Electrical Characteristics Input / Output Pins
6.3
Digital Inputs
6.2.14
Output OFF Delay time
t
dOFF
––
20
μs
–
HS- Mode
LS- Mode
see Figure 17
6.2.15
Output OFF Fall time
t
f
––
10
μs–
see Figure 17
6.2.16
Leakage Current
–
–
–
10
μA
–
Reset = L
6.2.17
Leak Current in OFF
(highside configuration)
I
loff
––
-250
μASOUT1-6 –
6.2.18
Leak Current in OFF
(lowside configuration)
I
loff
––
500
μADOUT4-6 –
6.2.19
Output Clamp Voltage
(highside configuration)
V
clh
-19
-14
-9
V
SOUT1-6 Refers to GND
level
6.2.20
Output Clamp Voltage
(lowside configuration)
V
cll
40
–
55
V
DOUT4-6 Refers to GND
level
6.2.21
Current limitation
(Channel 1 to 3)
I
Dlim1-3
4–
6A
–
–
6.2.22
Current limitation
(Channel 4 to 6)
I
Dlim4-6
3–
6A
–
–
6.2.23
IC Overtemp. Warning1)
Hysteresis
T
ot
T
hys
160
–
–
10
180
–
°C
°C
––
1) Not subject to production test, specified by design.
Electrical Characteristics: Digital Inputs
V
CC = 4.5 V to 5.5 V, Tj = -40 ⋅C to +150 ⋅C, VB = 6 V to 16 V, Reset = H, VDO = VCC, all voltages with respect to
ground, positive current flowing into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit Pin/
Comment
Conditions
Min.
Typ.
Max.
6.3.1
Input Low Voltage
V
INL
–
–1V
all digit.
inputs
–
6.3.2
Input High Voltage
V
INH
2
––V
all digit.
inputs
–
6.3.3
Input Voltage Hysteresis
V
INHys
–
100
–
mV
all digit.
inputs
–
6.3.4
Input pull-down current
I
pd
20
50
100
μAIN1-6;
CLKProg
V
IN = 5 V
6.3.5
Input pull-up current
I
pu
-100
-50
-20
μAReset;
FSIN
V
IN = GND
Electrical Characteristics: Power Outputs (cont’d)
V
CC = 4.5 V to 5.5 V, Tj = -40 ⋅C to +150 ⋅C, VB = 6 V to 16 V, Reset = H, VDO = VCC, all voltages with respect to
ground, positive current flowing into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit Pin/
Comment
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com