Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6288R Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE6288R
Description  Smart 6 Channel Peak & Hold Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6288R Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE6288R Datasheet HTML 9Page - Infineon Technologies AG TLE6288R Datasheet HTML 10Page - Infineon Technologies AG TLE6288R Datasheet HTML 11Page - Infineon Technologies AG TLE6288R Datasheet HTML 12Page - Infineon Technologies AG TLE6288R Datasheet HTML 13Page - Infineon Technologies AG TLE6288R Datasheet HTML 14Page - Infineon Technologies AG TLE6288R Datasheet HTML 15Page - Infineon Technologies AG TLE6288R Datasheet HTML 16Page - Infineon Technologies AG TLE6288R Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
13
Rev. 2.5, 2010-10-11
TLE6288R
Description
4.2
Protection
The TLE6288R has integrated protection functions1) for overload and short circuit (active current limitation),
overtemperature, ESD at all pins and overvoltage at the power outputs (zener clamping).
Overtemperature Behavior
Each channel has an overtemperature sensor and is individually protected against overtemperature.
As soon as overtemperature occurs the channel is immediately turned off. In this case there are two different
behaviors of the affected channel that can be selected by SPI (for all channels generally):
Autorestart: as long as the input signals of the channel remains on (e.g. parallel input high) the channel turns
automatically on again after cooling down.
Latching: After overtemperature shutdown the channel stays off until the this overtemperature latch is reset by a
new L
→ H transition of the input signal.
Note: These overtemperature sensors of the channels are only active if the channel is turned on.
An additional overtemperature sensor is located in the logic of the device. It monitors permanently the IC
temperature. As soon as the IC temperature reaches a specified level an overtemperature fault will be indicated.
1) Integrated protection functions are designed to prevent IC destruction under fault conditions described in the data sheet.
Fault conditions are considered as “outside” normal operating range. Protection functions are not designed for continuous
repetitive operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com