Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6632IPZ Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6632IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6632IPZ Datasheet(HTML) 39 Page - Texas Instruments

Back Button MSP430F6632IPZ Datasheet HTML 35Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 36Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 37Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 38Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 39Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 40Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 41Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 42Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 105 page
background image
MSP430F663x
www.ti.com
SLAS566A – JUNE 2010 – REVISED JULY 2010
Table 47. USB Configuration Registers (Base Address: 0900h)
REGISTER DESCRIPTION
REGISTER
OFFSET
USB key/ID
USBKEYID
00h
USB module configuration
USBCNF
02h
USB PHY control
USBPHYCTL
04h
USB power control
USBPWRCTL
08h
USB power voltage setting
USBPWRVSR
0Ah
USB PLL control
USBPLLCTL
10h
USB PLL divider
USBPLLDIV
12h
USB PLL interrupts
USBPLLIR
14h
Table 48. USB Control Registers (Base Address: 0920h)
REGISTER DESCRIPTION
REGISTER
OFFSET
Input endpoint#0 configuration
IEPCNF_0
00h
Input endpoint #0 byte count
IEPCNT_0
01h
Output endpoint#0 configuration
OEPCNF_0
02h
Output endpoint #0 byte count
OEPCNT_0
03h
Input endpoint interrupt enables
IEPIE
0Eh
Output endpoint interrupt enables
OEPIE
0Fh
Input endpoint interrupt flags
IEPIFG
10h
Output endpoint interrupt flags
OEPIFG
11h
USB interrupt vector
USBIV
12h
USB maintenance
MAINT
16h
Time stamp
TSREG
18h
USB frame number
USBFN
1Ah
USB control
USBCTL
1Ch
USB interrupt enables
USBIE
1Dh
USB interrupt flags
USBIFG
1Eh
Function address
FUNADR
1Fh
Table 49. LCD_B Registers (Base Address: 0A00h)
REGISTER DESCRIPTION
REGISTER
OFFSET
LCD_B control register 0
LCDBCTL0
000h
LCD_B control register 1
LCDBCTL1
002h
LCD_B blinking control register
LCDBBLKCTL
004h
LCD_B memory control register
LCDBMEMCTL
006h
LCD_B voltage control register
LCDBVCTL
008h
LCD_B port control register 0
LCDBPCTL0
00Ah
LCD_B port control register 1
LCDBPCTL1
00Ch
LCD_B port control register 2
LCDBPCTL2
00Eh
LCD_B charge pump control register
LCDBCTL0
012h
LCD_B interrupt vector word
LCDBIV
01Eh
LCD_B memory 1
LCDM1
020h
LCD_B memory 2
LCDM2
021h
...
LCD_B memory 22
LCDM22
035h
LCD_B blinking memory 1
LCDBM1
040h
LCD_B blinking memory 2
LCDBM2
041h
...
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com