Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6632IPZ Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6632IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6632IPZ Datasheet(HTML) 2 Page - Texas Instruments

  MSP430F6632IPZ Datasheet HTML 1Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 2Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 3Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 4Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 5Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 6Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 7Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 8Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 105 page
background image
MSP430F663x
SLAS566A – JUNE 2010 – REVISED JULY 2010
www.ti.com
The MSP430F663x series are microcontroller configurations with four 16-bit timers, a high performance 12-bit
analog-to-digital (A/D) converter, two universal serial communication interfaces (USCI), hardware multiplier,
DMA, real-time clock module with alarm capabilities, comparator, USB 2.0, and up to 74 I/O pins.
Typical applications for this device include analog and digital sensor systems, digital motor control, remote
controls, thermostats, digital timers, hand-held meters, etc.
Family members available are summarized in Table 1.
Table 1. Family Members
USCI
Flash
SRAM
ADC12_A
DAC12_A
Comp_B
Package
Channel A:
Channel B:
Device
Timer_A(2) Timer_B(3)
I/O
(KB)
(KB)(1)
(Ch)
(Ch)
(Ch)
Type
UART/IrDA/
SPI/I2C
SPI
12 ext /
100 PZ,
MSP430F6638
256
16 + 2
5, 3, 3
7
2
2
2
12
74
4 int
113 ZQW
12 ext /
100 PZ,
MSP430F6637(4)
192
16 + 2
5, 3, 3
7
2
2
2
12
74
4 int
113 ZQW
12 ext /
100 PZ,
MSP430F6636(4)
128
16 + 2
5, 3, 3
7
2
2
2
12
74
4 int
113 ZQW
12 ext /
100 PZ,
MSP430F6635(4)
256
16 + 2
5, 3, 3
7
2
2
-
12
74
4 int
113 ZQW
12 ext /
100 PZ,
MSP430F6634(4)
192
16 + 2
5, 3, 3
7
2
2
-
12
74
4 int
113 ZQW
12 ext /
100 PZ,
MSP430F6633(4)
128
16 + 2
5, 3, 3
7
2
2
-
12
74
4 int
113 ZQW
100 PZ,
MSP430F6632(4)
256
16 + 2
5, 3, 3
7
2
2
-
-
12
74
113 ZQW
100 PZ,
MSP430F6631(4)
192
16 + 2
5, 3, 3
7
2
2
-
-
12
74
113 ZQW
100 PZ,
MSP430F6630(4)
128
16 + 2
5, 3, 3
7
2
2
-
-
12
74
113 ZQW
(1)
The additional 2 KB USB SRAM that is listed can be used as general purpose SRAM when USB is not in use.
(2)
Each number in the sequence represents an instantiation of Timer_A with its associated number of capture compare registers and PWM
output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_A, the first
instantiation having 3 and the second instantiation having 5 capture compare registers and PWM output generators, respectively.
(3)
Each number in the sequence represents an instantiation of Timer_B with its associated number of capture compare registers and PWM
output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_B, the first
instantiation having 3 and the second instantiation having 5 capture compare registers and PWM output generators, respectively.
(4)
Product Preview
Ordering Information(1)
PACKAGED DEVICES(2)
TA
PLASTIC 100-PIN TQFP (PZ)
PLASTIC 113-BALL BGA (ZQW)
MSP430F6638IPZ(3)
MSP430F6638IZQW(3)
MSP430F6637IPZ(3)
MSP430F6637IZQW(3)
MSP430F6636IPZ(3)
MSP430F6636IZQW(3)
MSP430F6635IPZ(3)
MSP430F6635IZQW(3)
–40°C to 85°C
MSP430F6634IPZ(3)
MSP430F6634IZQW(3)
MSP430F6633IPZ(3)
MSP430F6633IZQW(3)
MSP430F6632IPZ(3)
MSP430F6632IZQW(3)
MSP430F6631IPZ(3)
MSP430F6631IZQW(3)
MSP430F6630IPZ(3)
MSP430F6630IZQW(3)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/package.
(3)
Product preview.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com