Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6632IPZ Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6632IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6632IPZ Datasheet(HTML) 71 Page - Texas Instruments

Back Button MSP430F6632IPZ Datasheet HTML 67Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 68Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 69Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 70Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 71Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 72Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 73Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 74Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 105 page
background image
MSP430F663x
www.ti.com
SLAS566A – JUNE 2010 – REVISED JULY 2010
Ports PU.0 and PU.1
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
VUSB = 3.3 V ± 10%, IOH = -25 mA
2.4
V
VOL
Low-level output voltage
VUSB = 3.3 V ± 10%, IOL = 25 mA
0.4
V
VIH
High-level input voltage
VUSB = 3.3 V ± 10%
2.0
V
VIL
Low-level input voltage
VUSB = 3.3 V ± 10%
0.8
V
USB-Output Ports DP and DM
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VOH
D+, D- single ended
USB 2.0 load conditions
2.8
3.6
V
VOL
D+, D- single ended
USB 2.0 load conditions
0
0.3
V
Z(DRV)
D+, D- impedance
Including external series resistor of 27
Ω
28
44
Ω
Full speed, differential, CL = 50 pF,
tRISE
Rise time
4
20
ns
10%/90%, Rpu on D+
Full speed, differential, CL = 50 pF,
tFALL
Fall time
4
20
ns
10%/90%, Rpu on D+
USB-Input Ports DP and DM
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
V(CM)
Differential input common mode range
0.8
2.5
V
Z(IN)
Input impedance
300
k
Ω
VCRS
Crossover voltage
1.3
2.0
V
VIL
Static SE input logic low level
0.8
V
VIH
Static SE input logic high level
2.0
V
VDI
Differential input voltage
0.2
V
USB-PWR (USB Power System)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VLAUNCH
VBUS detection threshold
3.75
V
VBUS
USB bus voltage
Normal operation
3.76
5.5
V
VUSB
USB LDO output voltage
3.3
±9%
V
V18
Internal USB voltage(1)
1.8
V
Maximum external current from VUSB
IUSB_EXT
USB LDO is on
12
mA
terminal(2)
IDET
USB LDO current overload detection(3)
60
100
mA
USB LDO is on,
ISUSPEND
Operating supply current into VBUS terminal.(4)
250
µA
USB PLL disabled
CBUS
VBUS terminal recommended capacitance
4.7
µF
CUSB
VUSB terminal recommended capacitance
220
nF
C18
V18 terminal recommended capacitance
220
nF
Within 2%,
tENABLE
Settling time VUSB and V18
2
ms
recommended capacitances
RPUR
Pullup resistance of PUR terminal
70
110
150
Ω
(1)
This voltage is for internal usages only. No external DC loading should be applied.
(2)
This represents additional current that can be supplied to the application from the VUSB terminal beyond the needs of the USB
operation.
(3)
A current overload will be detected when the total current supplied from the USB LDO, including IUSB_EXT, exceeds this value.
(4)
Does not include current contribution of Rpu and Rpd as outlined in the USB specification.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com