Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8FS040 Datasheet(PDF) 26 Page - Zilog, Inc.

Part # Z8FS040
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040 Datasheet(HTML) 26 Page - Zilog, Inc.

Back Button Z8FS040 Datasheet HTML 22Page - Zilog, Inc. Z8FS040 Datasheet HTML 23Page - Zilog, Inc. Z8FS040 Datasheet HTML 24Page - Zilog, Inc. Z8FS040 Datasheet HTML 25Page - Zilog, Inc. Z8FS040 Datasheet HTML 26Page - Zilog, Inc. Z8FS040 Datasheet HTML 27Page - Zilog, Inc. Z8FS040 Datasheet HTML 28Page - Zilog, Inc. Z8FS040 Datasheet HTML 29Page - Zilog, Inc. Z8FS040 Datasheet HTML 30Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
21
PIR Status/Control Register 0 (ePIR_SC0)
Bit
7
6
5
4
3
2
1
0
Field
Extended Detection
Engine
Disabled
MD
Suspend
Motion
Direction
Control
Motion
Direction
Motion
Detected
PIR
Stable
Control
R/W
R
R/W
R/W
R
R/W
R
Address
102H
Extended Detection Level (Bit 6-7)
Sets the sensitivity level of extended detector
Controlled by application
These 2 bits enhance the motion detection algorithms to detect slower, faster and/or more subtle
motion. The Extended Detection level is selected to provide a balance between additional sensitivity
while maintaining stability (no false detections). In certain applications such as lighting control the
Extended Detection level can be increased once ‘normal’ motion has been detected. Extended
detection is dependent on the lens pattern used. Smaller lens beams tend to provide more subtle
motion detection.
The Extended Detection level effects user control over the range provided in ePIR_SC2. As the
Extended Detection level is increased, the Range setting becomes less effective.
00 = Extended Detection Level 0 – Minimum (least sensitive)
01 = Extended Detection Level 1
10 = Extended Detection Level 2
11 = Extended Detection Level 3 – High (most sensitive)
Engine Disabled (Bit 5)
PIR Engine Disable/Suspend Acknowledged
Controlled by PIR engine
This bit indicates the operational status of and is controlled by the PIR engine. When the engine is
initialized and enabled by loading the PIR Enable Register with the ePIR_ENABLE_PATTERN value,
this bit is cleared to indicate that the Engine is ready. When the Engine is disabled by loading the PIR
Enable Register with the ePIR_DISABLE_PATTERN, it will respond by setting this bit to 1 and perform
no further operations until re-enabled. In order for the Engine to detect that it has been disabled, the
user must allow the Engine ADC interrupt to run at least once after loading the PIR Enable Register with
the ePIR_DISABLE_PATTERN.
0 = Engine is enabled and operational
1 = Engine is disabled and not operational



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com