Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8FS040 Datasheet(PDF) 36 Page - Zilog, Inc.

Part # Z8FS040
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040 Datasheet(HTML) 36 Page - Zilog, Inc.

Back Button Z8FS040 Datasheet HTML 32Page - Zilog, Inc. Z8FS040 Datasheet HTML 33Page - Zilog, Inc. Z8FS040 Datasheet HTML 34Page - Zilog, Inc. Z8FS040 Datasheet HTML 35Page - Zilog, Inc. Z8FS040 Datasheet HTML 36Page - Zilog, Inc. Z8FS040 Datasheet HTML 37Page - Zilog, Inc. Z8FS040 Datasheet HTML 38Page - Zilog, Inc. Z8FS040 Datasheet HTML 39Page - Zilog, Inc. Z8FS040 Datasheet HTML 40Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
31
PIR Advanced Status/Control Register 2 (ePIR_ASC2)
Bit
7
6
5
4
3
2
1
0
Field
Lock level
Window Size
Window Update Rate
Control
R/W
R/W
R/W
Address
F2H
Lock Level (Bits 5-7)
Controlled by application
This parameter sets the minimum slope change in the signal that can be considered valid motion. This
prevents small signal changes caused by environmental or Vcc shifts from causing a false detection.
Use this value in combination with PIR Sensitivity and Range Control settings to balance sensitivity and
stability to the particular lens and pyroelectric sensor being used.
Smaller values allow subtle signals with lower slopes to be considered motion events at the
expense of potential false motion events.
Larger values allow the system to ignore smaller signal slope changes at the expense of
potentially missing smaller motion events.
Window Size (Bits 3-4)
Controlled by application
This register determines the size of the control limit window. A larger window size produces more stable
control limits at the cost of additional CPU usage. If a smaller window size is used, the more frequently
the window can be calculated which allows it to track the signal better.
00 – Reserved
01 – Small window
02 – Medium window
03 – Large window
Window Update Rate (Bits 0-2)
Controlled by application
This register determines how frequently the control limits are calculated. It is measured in PIR samples.
A smaller number produces more frequent calculations which allow the control limits to track the signal
better, at the cost of increased CPU usage. The valid range is 0 to 7.
The window is updated every 4 + (Window Update Rate * 2) PIR samples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com