Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8FS040 Datasheet(PDF) 27 Page - Zilog, Inc.

Part # Z8FS040
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040 Datasheet(HTML) 27 Page - Zilog, Inc.

Back Button Z8FS040 Datasheet HTML 23Page - Zilog, Inc. Z8FS040 Datasheet HTML 24Page - Zilog, Inc. Z8FS040 Datasheet HTML 25Page - Zilog, Inc. Z8FS040 Datasheet HTML 26Page - Zilog, Inc. Z8FS040 Datasheet HTML 27Page - Zilog, Inc. Z8FS040 Datasheet HTML 28Page - Zilog, Inc. Z8FS040 Datasheet HTML 29Page - Zilog, Inc. Z8FS040 Datasheet HTML 30Page - Zilog, Inc. Z8FS040 Datasheet HTML 31Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
22
MD Suspend (Bit 4)
Motion Detection Suspend
Controlled by Application
Temporarily suspends the PIR engine from running. This puts it in a very low processing overhead state
and can be used when the application requires significant CPU processing power. While suspended,
motion detection is disabled, however to ensure fast recovery from this mode, ADC interrupts still occur
and samples continue to be buffered. When the application clears this bit, suspend mode is exited upon
the next ADC interrupt.
0 = Normal Motion Detection
1 = Suspended Motion Detection
Motion Direction Control (Bit 3)
Motion Direction Control Enable
Controlled by Application
This bit enables directional motion detection. The relative direction of the detected motion is indicated in
bit 2 (Motion Direction) of this same register. When configured as a directional detector (bit 3 set to 1),
direction is indicated in bit 2 as positive or negative relative to the PIR sensor.
0 = Standard Motion Detection Mode. Motion detected in any direction. Motion Direction status bit (Bit 2)
is not valid.
1 = Directional Motion Detection Mode. Motion is detected in any direction; relative direction is indicated
via Motion Direction status bit (Bit 2).
The directional polarity of PIR sensors is arbitrary at the time of manufacturing. Therefore it is necessary
for the user application to calibrate to each individual PIR sensor using a controlled target (i.e. moving in
a known direction) and internally record the polarity to identify which polarity represents that direction.
Motion Direction (Bit 2)
Relative Direction of Last Motion Detected
Controlled by PIR engine
When directional motion detection is enabled, this bit indicates the relative direction of the last motion
detected. When the PIR engine sets the Motion Detected bit in PIR Status Register 0, this bit is set or
cleared to indicate the direction of the motion. The status is latched until the user application clears the
Motion Detected bit.
0 = Last detected motion was negative
1 = Last detected motion was positive
This status bit is undefined when Motion Direction Control is disabled.
Motion Detected (Bit 1)
Motion detected on PIR sensor
Set by PIR engine; cleared by application
This bit indicates that the Engine has detected a motion event. The user application should routinely
check this bit to determine if motion has been detected. This bit is set by the Engine and must be
cleared by the user application.
0 = No motion detected by the Engine
1 = Motion has been detected by the Engine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com