Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8FS040 Datasheet(PDF) 6 Page - Zilog, Inc.

Part # Z8FS040
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040 Datasheet(HTML) 6 Page - Zilog, Inc.

Back Button Z8FS040 Datasheet HTML 2Page - Zilog, Inc. Z8FS040 Datasheet HTML 3Page - Zilog, Inc. Z8FS040 Datasheet HTML 4Page - Zilog, Inc. Z8FS040 Datasheet HTML 5Page - Zilog, Inc. Z8FS040 Datasheet HTML 6Page - Zilog, Inc. Z8FS040 Datasheet HTML 7Page - Zilog, Inc. Z8FS040 Datasheet HTML 8Page - Zilog, Inc. Z8FS040 Datasheet HTML 9Page - Zilog, Inc. Z8FS040 Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
1
Overview
Zilog’s ZMOTION
TM Detection and Control Product Family provides an integrated and flexible solution
for Passive Infra Red (PIR) based motion detection applications. The family includes a series of high-
performance microcontrollers with integrated motion detection algorithms and a selection of lenses
and PIR sensors to fit a wide range of application requirements. Optimized configuration parameters
for the MCU are provided for each lens/sensor combination ensuring the best possible performance
while significantly reducing development risk and minimizing time to market.
The Z8FS040 ZMOTION
TM Detection MCU combines the programmability and rich peripheral set of
Zilog’s Flash Z8F082A Z8 Encore! XP
® MCU with built-in motion detection software algorithms to
provide the functions necessary for PIR motion detection applications. These motion detection
algorithms comprise Zilog’s PIR technology and run in the background while control and status of the
Engine is accessed through a software API (Application Programmer Interface). This allows the
designer to create their own application specific software while taking advantage of Zilog’s
ZMOTION
TM Motion Detection Technology.
API settings are provided to match the Engine operation to each of the lens and pyroelectric sensor
combinations provided.
The Flash in-circuit programming capability of the Z8FS040 allows for faster development time, more
flexible manufacturing and firmware changes in the field.
Zilog’s PIR motion detection technology provides a dramatic improvement in both sensitivity and
stability over traditional designs and is scalable to many market segments including Lighting Control,
HVAC, Access Control, Vending, Display, Proximity, Power Management, Occupancy Sensing and
many others.
Features
 High performance eZ8® MCU core
 4 KB in-circuit programmable Flash available for application code
 Single pin debug with unlimited breakpoints
 Flexible clocking scheme
 Internal precision oscillator running at 5.53 MHz
 External oscillator operating up to 20 MHz
 Sigma Delta ADC
 Up to 6 channels single ended or 3 channels differential available
 On-chip analog comparator with independent programmable reference voltage
 Full-duplex UART with dedicated BRG
 Two 16-bit timers with input capture, output compare, and PWM capability (11 modes total)
 Watchdog timer (WDT) with dedicated internal oscillator
 Up to 20 vectored interrupts
 6 to 25 I/O pins depending upon package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com