Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2W2001YK Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP2W2001YK
Description  IrDA Control Infrared Transceiver for Peripheral Type 1
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W2001YK Datasheet(HTML) 4 Page - Sharp Corporation

  GP2W2001YK Datasheet HTML 1Page - Sharp Corporation GP2W2001YK Datasheet HTML 2Page - Sharp Corporation GP2W2001YK Datasheet HTML 3Page - Sharp Corporation GP2W2001YK Datasheet HTML 4Page - Sharp Corporation GP2W2001YK Datasheet HTML 5Page - Sharp Corporation GP2W2001YK Datasheet HTML 6Page - Sharp Corporation GP2W2001YK Datasheet HTML 7Page - Sharp Corporation GP2W2001YK Datasheet HTML 8Page - Sharp Corporation GP2W2001YK Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ELECTRONIC COMPONENTS
SHARP IrDA Control Infrared Transceiver
SHARP Electronic Components
4
Rev. 1.1.1 November 26, ‘98
IrDA Control Infrared Transceiver (for Peripheral Type 1)
GP2W2001YK
Technical Data
MEMBER IrDA
1. Description
The Sharp IrDA Control Infrared Transceiver provides
the wireless interface between logic and IR signals for
through-air, serial, half-duplex IrDA Control data links
and is designed to satisfy the IrDA Control Physical
Layer Specifications for Peripheral Type 1.
The GP2W2001YK is a low power operatable
integrated infrared transceiver that contains an IRLED,
a LED driver circuit, a PIN photodiode, an excellent
sensitivity receiver, and an envelope detector. The
transceiver also contains some additional functions,
such as shut down and sensitivity recovery for low
current consumption and longer communication
distance.
<Features>
Â
Meets IrDA Control (for Peripheral Type 1)
Â
Long Range (approx. 8m [Min. 5m]) Wireless
Communication at 75kbps data rate (Radiant Intensity
= 100mW/sr)
Â
Low Power Operation - at 3.3V
Â
Built-in Envelope Detector
Â
By using assistance LED(GL710) , able to use for
Host Type.
Â
RESET Function to Recover the Receiver
Sensitivity
Â
Optimized Interface to Sharp Peripheral Engine, an
embedded communication controller for IrDA
Control.
2. IrDA Control Infrared Transceiver Internal Block Diagram
LEDA
TXD
AVcc
DVcc
AGND
DGND
fO
CX
RESET
VO
10
1
6
5
7
94
3
8
PIN
PD
AMP.
B.P.F.
Detect
11
SD
2
Figure 2.1 GP2W2001YK Internal Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com