Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2W2001YK Datasheet(PDF) 7 Page - Sharp Corporation

Part # GP2W2001YK
Description  IrDA Control Infrared Transceiver for Peripheral Type 1
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W2001YK Datasheet(HTML) 7 Page - Sharp Corporation

Back Button GP2W2001YK Datasheet HTML 3Page - Sharp Corporation GP2W2001YK Datasheet HTML 4Page - Sharp Corporation GP2W2001YK Datasheet HTML 5Page - Sharp Corporation GP2W2001YK Datasheet HTML 6Page - Sharp Corporation GP2W2001YK Datasheet HTML 7Page - Sharp Corporation GP2W2001YK Datasheet HTML 8Page - Sharp Corporation GP2W2001YK Datasheet HTML 9Page - Sharp Corporation GP2W2001YK Datasheet HTML 10Page - Sharp Corporation GP2W2001YK Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ELECTRONIC COMPONENTS
SHARP IrDA Control Infrared Transceiver
SHARP Electronic Components
7
Rev. 1.1.1 November 26, ‘98
6. Electrical and Optical Specifications
Specifications hold over the Recommended Operating Conditions unless otherwise notified herein. Test Conditions
represent worse case values for the parameters under test. Unspecified test conditions can be anywhere in their
operating range. All typicals are at Ta=25
oC, and V
CC=3.3V unless otherwise notified herein.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
RECEIVER SIDE
Current Dissipation
ICC
-
5.0
7.0
mA
No input IR signal, VCC=3.3V
S/D Current Dissipation
Iccsd
-
7.0
10.0
µA
*6 at low current consumption
mode
Receiver Data
Logic High
VOH
VCC-0.5
-
-
V
No input IR signal, High level
Output Voltage
Logic Low
VOL
-
-
0.5
V
IOL=400
µA
Single Pulse
tws
3.66
6.67
9.67
µsec *8,9 Input pulse width 6.33µs
Pulse Width
Double Pulse
twd
10.33
13.33
16.34
µsec *8,9 Input pulse width 13.0µs
Multi Pulse
twm
50.36
53.36
56.36
µsec *8,9 Input pulse width 53.00µs
Jitter
tj
-1.8
-
+1.8
µsec
*
7,8
Receiver Data Output Rise Time
tr
-
-
6.0
µsec
*
8
Receiver Data Output Fall Time
tf
-
-
6.0
µsec
*
8
Receiver Detecting Distance
L1
5.0
-
-
m
*4
Θr = 30o, Φr = 15o
L2
3.0
-
-
m
*4
Θr = 50o, Φr = 15o
TRANSMITTER SIDE
Transmitter Radiant Intensity
IE
100
-
-
mW/sr
*4
Θt < +15o, Φt < +15o
ILED=400mA
Peak Wavelength
λp
850
-
900
nm
ILED=400mA
Rise Time
tr (IE)
-
-
80
nsec
*
9,10
Fall Time
tf (IE)
-
-
80
nsec
*
9,10
(NOTES)
6.
“L”: Low current consumption mode, “H” or OPEN: Normal operating mode.
7.
The time difference or time gap from the pulse judgement criteria point of the output waveform at the 50% point
between VOH and VOL.
8:
Receiver output wavelength definition:
tj
t
ws, twd, twm
tf
tr
10%
50%
90%
10%
50%
90%
VOH
VOL
Criterion for
Pulse Position
Figure 6.1 GP2W2001YK Receiver Output Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com