Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2W2001YK Datasheet(PDF) 6 Page - Sharp Corporation

Part # GP2W2001YK
Description  IrDA Control Infrared Transceiver for Peripheral Type 1
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W2001YK Datasheet(HTML) 6 Page - Sharp Corporation

Back Button GP2W2001YK Datasheet HTML 2Page - Sharp Corporation GP2W2001YK Datasheet HTML 3Page - Sharp Corporation GP2W2001YK Datasheet HTML 4Page - Sharp Corporation GP2W2001YK Datasheet HTML 5Page - Sharp Corporation GP2W2001YK Datasheet HTML 6Page - Sharp Corporation GP2W2001YK Datasheet HTML 7Page - Sharp Corporation GP2W2001YK Datasheet HTML 8Page - Sharp Corporation GP2W2001YK Datasheet HTML 9Page - Sharp Corporation GP2W2001YK Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ELECTRONIC COMPONENTS
SHARP IrDA Control Infrared Transceiver
SHARP Electronic Components
6
Rev. 1.1.1 November 26, ‘98
5. Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Conditions
Operating Temperature
TOP
-10
70
oC
Supply Voltage
VCC1
2.7
5.5
V
Supply voltage for receiver side
Supply Voltage
VCC2
4.25
5.25
V
Supply voltage for emitter side
Transmitter Input Subcarrier
Frequency
fsc
1.484
1.517
MHz
*3 Frequency accuracy within the
range of + 1.1%
Logic High Transmitter
Input Voltage (TXD)
VIH (TXD)
2.7
-
V
Logic Low Transmitter
Input Voltage (TXD)
VIL (TXD)
0.0
0.3
V
Logic High Receiver Input
EIIL
0.4
1250
µW/cm2 *4 Θr < +30o, Φr < +15o
*5
For in-band signals < 75.83kb/s
Irradiance
1.111
1250
µW/cm2 *4 Θr < +50o, Φr < +15o
*5
For in-band signals < 75.83kb/s
LED (Logic High) Current
Pulse Amplitude
ILEDA
400
-
mA
IE=100mW/sr,
*4
Θt < +15o, Φt < +15o
Receiver Signal Rate
DRATE
74.175
75.825
kb/s
Receiver RESET Input Voltage
Vrs_th
0.7
2.0
V
Refer to
´RESET Functionµ
SD Recovery Time
TSD
-1
msec
[NOTES]:
3.
IrDA Control system uses 16PSM coding scheme over 1.5MHz sub-carrier. See IrDA Control Physical Layer
Link Specification for the details of coding scheme and pulse characteristics.
4.
See Figure 5.1 (below) for the viewing angle definition.
5.
An in-band optical signal is a pulse/sequence where the peak wavelength
λp, is defined as 850nm < λp < 900nm,
and the pulse characteristics are compliant with the IrDA Control Physical Layer Link Specification.
(
): TENTATIVE Value
Receiver
Transmitter
Θr, Φr
Θt, Φt
Θ
Φ
Θ: Horizontal (X-Axis)
Φ: Vertical Angle (Y-Axis)
Figure 5.1 IrDA Control Transceiver Viewing Angle Criteria



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com