Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2W2001YK Datasheet(PDF) 5 Page - Sharp Corporation

Part # GP2W2001YK
Description  IrDA Control Infrared Transceiver for Peripheral Type 1
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W2001YK Datasheet(HTML) 5 Page - Sharp Corporation

  GP2W2001YK Datasheet HTML 1Page - Sharp Corporation GP2W2001YK Datasheet HTML 2Page - Sharp Corporation GP2W2001YK Datasheet HTML 3Page - Sharp Corporation GP2W2001YK Datasheet HTML 4Page - Sharp Corporation GP2W2001YK Datasheet HTML 5Page - Sharp Corporation GP2W2001YK Datasheet HTML 6Page - Sharp Corporation GP2W2001YK Datasheet HTML 7Page - Sharp Corporation GP2W2001YK Datasheet HTML 8Page - Sharp Corporation GP2W2001YK Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ELECTRONIC COMPONENTS
SHARP IrDA Control Infrared Transceiver
SHARP Electronic Components
5
Rev. 1.1.1 November 26, ‘98
3. Package Outline Dimensions (TENTATIVE)
UNIT: mm
17.5
14.0
1.27
0.25
(0.89)
0.45
(0.84)
(2.1)
2.5
SHIELD CASE
(6.3)
0.9
3.35
(1.25)
2.0
1.3
(7.6)
1.
Unspecified tolerance shall be ± 0.3(mm).
2.
Resin burr shall not be included in outline dimensions.
3.
Package Material : Visible Light Cut-off Resin (Color: Black)
4.
Pin Assignment : See “Pinout” for details.
5.
Lead pitch distance represents that of the lead root.
6.
The appearance of the shieled case is TENTATIVE, and is subject to change without notice.
4. Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Conditions
Supply Voltage
VCC
0
6.0
V
Operating Temperature
TOP
-10
70
oC
Storage Temperature
TST
-20
85
oC
Average Forward LED Current
ILED (DC)
-
60
mA
Peak Forward LED Current
ILED (PF)
-
600
mA
*1
Transmitter Data Input Current
ITXD
-
5.0
mA
Receiver Data Output Voltage
VO
-VCC
V
Soldering Temperature
TSOL
-
260
oC
*2 , For 5s
(NOTES)
1.
The derating curve of peak forward current vs. ambient temperature is shown in section 11, figure 11.1.
2.
The soldering should be done at the distance from 1.3mm from the resin edge of the transceiver module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com