Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8810 Datasheet(PDF) 32 Page - Active-Semi, Inc

Part # ACT8810
Description  Eight Channel ActivePath??Power Management IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8810 Datasheet(HTML) 32 Page - Active-Semi, Inc

Back Button ACT8810 Datasheet HTML 28Page - Active-Semi, Inc ACT8810 Datasheet HTML 29Page - Active-Semi, Inc ACT8810 Datasheet HTML 30Page - Active-Semi, Inc ACT8810 Datasheet HTML 31Page - Active-Semi, Inc ACT8810 Datasheet HTML 32Page - Active-Semi, Inc ACT8810 Datasheet HTML 33Page - Active-Semi, Inc ACT8810 Datasheet HTML 34Page - Active-Semi, Inc ACT8810 Datasheet HTML 35Page - Active-Semi, Inc ACT8810 Datasheet HTML 36Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
LOW-DROPOUT LINEAR REGULATORS
ACT8810
Rev 8, 08-Oct-10
Active-Semi
Innovative Power
TM
- 32 -
www.active-semi.com
Copyright © 2010 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INL Operating Voltage Range
2.6
5.5
V
INL UVLO Threshold
VINL Input Rising
2.4
2.5
2.6
V
UVLO Hysteresis
VINL Input Falling
0.1
V
Output Voltage Accuracy
TA = 25°C
-2%
VNOM5
+2%
V
TA = -40°C to 85°C
-3%
VNOM5
+3%
Line Regulation Error
VINL = Max(VOUT5 + 0.5V, 3.6V) to 5.5V
0
%/V
Load Regulation Error
IOUT5 = 1mA to 360mA
-0.07
mV/mA
Power Supply Rejection Ratio
f = 1kHz, IOUT5 = 360mA, COUT5 = 1µF
70
dB
f = 10kHz, IOUT5 = 360mA, COUT5 = 1µF
60
Supply Current per Output
Regulator Enabled
35
µA
Regulator Disabled
0
Dropout Voltage3
IOUT5 = 160mA, VOUT5 > 3.1V
100
200
mV
Output Current
360
mA
Current Limit
VOUT5 = 95% of regulation voltage
400
mA
Internal Soft-Start
100
µs
Output Noise
COUT5 = 10µF, f = 10Hz to 100kHz
40
µVRMS
Stable COUT5 Range
1
20
µF
Discharge Resistor in Shutdown
LDO Disabled, DIS5[ ] = [1]
1000
Ω
ELECTRICAL CHARACTERISTICS (REG5)
(VINL = 3.6V, COUT5 = 1µF, TA = 25°C, unless otherwise specified.)
: VNOM5 refers to the nominal output voltage level for VOUT5 as defined by the Ordering Information section.
: PSRR is lower with VSET < 1.25V
3
: Dropout Voltage is defined as the differential voltage between input and output when the output voltage drops 100mV below the
regulation voltage at 1V differential voltage (for 2.8V output voltage or higher)
: LDO current limit is defined as the output current at which the output voltage drops to 95% of the respective regulation voltage. Un-
der heavy overload conditions the output current limit folds back by 40% (typ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com