Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8810 Datasheet(PDF) 37 Page - Active-Semi, Inc

Part # ACT8810
Description  Eight Channel ActivePath??Power Management IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8810 Datasheet(HTML) 37 Page - Active-Semi, Inc

Back Button ACT8810 Datasheet HTML 33Page - Active-Semi, Inc ACT8810 Datasheet HTML 34Page - Active-Semi, Inc ACT8810 Datasheet HTML 35Page - Active-Semi, Inc ACT8810 Datasheet HTML 36Page - Active-Semi, Inc ACT8810 Datasheet HTML 37Page - Active-Semi, Inc ACT8810 Datasheet HTML 38Page - Active-Semi, Inc ACT8810 Datasheet HTML 39Page - Active-Semi, Inc ACT8810 Datasheet HTML 40Page - Active-Semi, Inc ACT8810 Datasheet HTML 41Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
RTC LOW-DROPOUT LINEAR REGULATOR
ACT8810
Rev 8, 08-Oct-10
Active-Semi
Innovative Power
TM
- 37 -
www.active-semi.com
Copyright © 2010 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
ELECTRICAL CHARACTERISTICS (REG6)
(TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Supply Range
2.6
5.5
V
Output Voltage Accuracy
TA = 25°C
-2%
VNOM6
+2%
V
TA = -40°C to 85°C
-3%
VNOM6
+3%
Line Regulation Error
VINL = VOUT6 + 0.5V to VINL = 5.5V
0.1
%/V
Load Regulation Error
IOUT6 = 0mA to 30mA
-0.01
%/mA
Input Supply Current
ON1 = ON2 = ON3 = GA
6
12
µA
Dropout Voltage
IOUT6 = 10mA
35
70
mV
Output Current
30
mA
Current Limit3
VOUT6 = 95% of regulation voltage
45
mA
Stable COUT6 Range
1
20
µF
: VNOM6 refers to the nominal output voltage level for VOUT6 as defined by the Ordering Information section.
: Dropout Voltage is defined as the differential voltage between input and output when the output voltage drops 100mV below the
regulation voltage at 1V differential voltage (for 2.8V output voltage or higher)
3
: LDO current limit is defined as the output current at which the output voltage drops to 95% of the respective regulation voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com