Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8810 Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT8810
Description  Eight Channel ActivePath??Power Management IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8810 Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT8810 Datasheet HTML 6Page - Active-Semi, Inc ACT8810 Datasheet HTML 7Page - Active-Semi, Inc ACT8810 Datasheet HTML 8Page - Active-Semi, Inc ACT8810 Datasheet HTML 9Page - Active-Semi, Inc ACT8810 Datasheet HTML 10Page - Active-Semi, Inc ACT8810 Datasheet HTML 11Page - Active-Semi, Inc ACT8810 Datasheet HTML 12Page - Active-Semi, Inc ACT8810 Datasheet HTML 13Page - Active-Semi, Inc ACT8810 Datasheet HTML 14Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
SYSTEM MANAGEMENT
ACT8810
Rev 8, 08-Oct-10
Active-Semi
Innovative Power
TM
- 10 -
www.active-semi.com
Copyright © 2010 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
ELECTRICAL CHARACTERISTICS
(VVSYS = 3.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage Range
2.6
5.5
V
UVLO Threshold Voltage
VSYS Rising
2.35
2.5
2.6
V
UVLO Hysteresis
VSYS Falling
100
mV
VSYS Supply Current
ONx = VSYS
70
µA
VSYS Shutdown Current
ONx = GA, Not Charging
30
µA
Voltage Reference
1.24
1.25
1.26
V
Oscillator Frequency
1.35
1.6
1.85
MHz
Logic High Input Voltage
ON1, ON2, ON3, VSEL
1.4
V
Logic Low Input Voltage
ON1, ON2, ON3, VSEL
0.4
V
Leakage Current
VON1 = VON2 = VON3 = VVSEL = VnIRQ = VnRSTO = 4V
1
µA
nPBIN Internal Pull-up Resistance
50
kΩ
Low Level Output Voltage
nIRQ, nRSTO. Sinking 10mA
0.3
V
Thermal Shutdown Temperature
Temperature Rising
160
°C
Thermal Shutdown Hysteresis
Temperature Decreasing
20
°C
nRSTO Delay
260
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com