Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8810 Datasheet(PDF) 7 Page - Active-Semi, Inc

Part # ACT8810
Description  Eight Channel ActivePath??Power Management IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8810 Datasheet(HTML) 7 Page - Active-Semi, Inc

Back Button ACT8810 Datasheet HTML 3Page - Active-Semi, Inc ACT8810 Datasheet HTML 4Page - Active-Semi, Inc ACT8810 Datasheet HTML 5Page - Active-Semi, Inc ACT8810 Datasheet HTML 6Page - Active-Semi, Inc ACT8810 Datasheet HTML 7Page - Active-Semi, Inc ACT8810 Datasheet HTML 8Page - Active-Semi, Inc ACT8810 Datasheet HTML 9Page - Active-Semi, Inc ACT8810 Datasheet HTML 10Page - Active-Semi, Inc ACT8810 Datasheet HTML 11Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
ACT8810
Rev 8, 08-Oct-10
Active-Semi
Innovative Power
TM
- 7 -
www.active-semi.com
Copyright © 2010 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
UNIT
CHG_IN to GA
t < 1ms and duty cycle <1%
Steady State
-0.3 to +18
-0.3 to +14
V
V
VP1 to GP1, VP2 to GP2, VP3 to GP3
-0.3 to +6
V
BAT, VSYS, INL to GA
-0.3 to +6
V
SW1, OUT1 to GP1
-0.3 to (VVP1 +0.3)
V
SW2, OUT2 to GP2
-0.3 to (VVP2 +0.3)
V
SW3, OUT3 to GP3
-0.3 to (VVP3 +0.3)
V
Operating Ambient Temperature
-40 to 85
°C
Maximum Junction Temperature
125
°C
Maximum Power Dissipation
TQFN55-40 (Thermal Resistance θJA = 30
oC/W)
2.7
W
Storage Temperature
-65 to 150
°C
Lead Temperature (Soldering, 10 sec)
300
°C
ON1, ON2, ON3, ISET, ACIN, VSEL, DCCC, CHGLEV, TH, SCL, SDA, REFBP, nIRQ,
nRSTO, nSTAT0, nSTAT1, BTR, nPBIN to GA
-0.3 to +6
V
OUT4, OUT5, OUT6 to GA
-0.3 to (VINL +0.3)
V
: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may
affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com